Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4520E/MLQTP Fiches technique(PDF) 365 Page - Microchip Technology

No de pièce PIC18F4520E/MLQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4520E/MLQTP Fiches technique(HTML) 365 Page - Microchip Technology

Back Button PIC18F4520E/MLQTP Datasheet HTML 361Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 362Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 363Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 364Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 365Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 366Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 367Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 368Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 369Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 390 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39631A-page 363
PIC18F2420/2520/4420/4520
28.0
PACKAGING INFORMATION
28.1
Package Marking Information
28-Lead PDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F2520-I/SP
0410017
28-Lead SOIC
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F2520-E/SO
0410017
40-Lead PDIP
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC18F4420-I/P
0410017
Legend: XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PICmicro device marking consists of Microchip part number, year code, week code and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More