Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4520E/MLQTP Fiches technique(PDF) 342 Page - Microchip Technology

No de pièce PIC18F4520E/MLQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4520E/MLQTP Fiches technique(HTML) 342 Page - Microchip Technology

Back Button PIC18F4520E/MLQTP Datasheet HTML 338Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 339Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 340Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 341Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 342Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 343Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 344Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 345Page - Microchip Technology PIC18F4520E/MLQTP Datasheet HTML 346Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 390 page
background image
PIC18F2420/2520/4420/4520
DS39631A-page 340
Preliminary
 2004 Microchip Technology Inc.
26.4
AC (Timing) Characteristics
26.4.1
TIMING PARAMETER SYMBOLOGY
The timing parameter symbols have been created
using one of the following formats:
1. TppS2ppS
3. TCC:ST
(I2C specifications only)
2. TppS
4. Ts
(I2C specifications only)
T
F
Frequency
T
Time
Lowercase letters (pp) and their meanings:
pp
cc
CCP1
osc
OSC1
ck
CLKO
rd
RD
cs
CS
rw
RD or WR
di
SDI
sc
SCK
do
SDO
ss
SS
dt
Data in
t0
T0CKI
io
I/O port
t1
T13CKI
mc
MCLR
wr
WR
Uppercase letters and their meanings:
S
F
Fall
P
Period
HHigh
R
Rise
I
Invalid (High-impedance)
V
Valid
L
Low
Z
High-impedance
I2C only
AA
output access
High
High
BUF
Bus free
Low
Low
TCC:ST (I2C specifications only)
CC
HD
Hold
SU
Setup
ST
DAT
DATA input hold
STO
Stop condition
STA
Start condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More