Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F2420E/MLQTP Fiches technique(PDF) 123 Page - Microchip Technology

No de pièce PIC18F2420E/MLQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2420E/MLQTP Fiches technique(HTML) 123 Page - Microchip Technology

Back Button PIC18F2420E/MLQTP Datasheet HTML 119Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 120Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 121Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 122Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 123Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 124Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 125Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 126Page - Microchip Technology PIC18F2420E/MLQTP Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 390 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39631A-page 121
PIC18F2420/2520/4420/4520
FIGURE 10-3:
PARALLEL SLAVE PORT WRITE WAVEFORMS
FIGURE 10-4:
PARALLEL SLAVE PORT READ WAVEFORMS
TABLE 10-11: REGISTERS ASSOCIATED WITH PARALLEL SLAVE PORT
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
52
LATD
PORTD Data Latch Register (Read and Write to Data Latch)
52
TRISD
PORTD Data Direction Control Register
52
PORTE
—
—
—
—
RE3
RE2
RE1
RE0
52
LATE
—
—
—
—
—
LATE Data Output bits
52
TRISE
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
52
INTCON
GIE/GIEH PEIE/GIEL
TMR0IF
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
49
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
52
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
52
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
52
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
51
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by the Parallel Slave Port.
Q1
Q2
Q3
Q4
CS
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
WR
RD
IBF
OBF
PSPIF
PORTD<7:0>
Q1
Q2
Q3
Q4
CS
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
WR
IBF
PSPIF
RD
OBF
PORTD<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More