Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4520E/SP Fiches technique(PDF) 378 Page - Microchip Technology

No de pièce PIC18F4520E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4520E/SP Fiches technique(HTML) 378 Page - Microchip Technology

Back Button PIC18F4520E/SP Datasheet HTML 374Page - Microchip Technology PIC18F4520E/SP Datasheet HTML 375Page - Microchip Technology PIC18F4520E/SP Datasheet HTML 376Page - Microchip Technology PIC18F4520E/SP Datasheet HTML 377Page - Microchip Technology PIC18F4520E/SP Datasheet HTML 378Page - Microchip Technology PIC18F4520E/SP Datasheet HTML 379Page - Microchip Technology PIC18F4520E/SP Datasheet HTML 380Page - Microchip Technology PIC18F4520E/SP Datasheet HTML 381Page - Microchip Technology PIC18F4520E/SP Datasheet HTML 382Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 390 page
background image
PIC18F2420/2520/4420/4520
DS39631A-page 376
Preliminary
 2004 Microchip Technology Inc.
C
C Compilers
MPLAB C17 ............................................................. 318
MPLAB C18 ............................................................. 318
MPLAB C30 ............................................................. 318
CALL ................................................................................ 282
CALLW ............................................................................. 311
Capture (CCP Module) ..................................................... 141
Associated Registers ............................................... 143
CCP Pin Configuration ............................................. 141
CCPRxH:CCPRxL Registers ................................... 141
Prescaler .................................................................. 141
Software Interrupt .................................................... 141
Timer1/Timer3 Mode Selection ................................ 141
Capture (ECCP Module) .................................................. 148
Capture/Compare/PWM (CCP) ........................................ 139
Capture Mode. See Capture.
CCP Mode and Timer Resources ............................ 140
CCPRxH Register .................................................... 140
CCPRxL Register ..................................................... 140
Compare Mode. See Compare.
Interaction of Two CCP Modules ............................. 140
Module Configuration ............................................... 140
Clock Sources .................................................................... 28
Selecting the 31 kHz Source ...................................... 29
Selection Using OSCCON Register ........................... 29
CLRF ................................................................................ 283
CLRWDT .......................................................................... 283
Code Examples
16 x 16 Signed Multiply Routine ................................ 90
16 x 16 Unsigned Multiply Routine ............................ 90
8 x 8 Signed Multiply Routine .................................... 89
8 x 8 Unsigned Multiply Routine ................................ 89
Changing Between Capture Prescalers ................... 141
Computed GOTO Using an Offset Value ................... 56
Data EEPROM Read ................................................. 85
Data EEPROM Refresh Routine ................................ 86
Data EEPROM Write ................................................. 85
Erasing a Flash Program Memory Row ..................... 78
Fast Register Stack .................................................... 56
How to Clear RAM (Bank 1) Using
Indirect Addressing ............................................ 68
Implementing a Real-Time Clock Using
a Timer1 Interrupt Service ............................... 131
Initializing PORTA .................................................... 105
Initializing PORTB .................................................... 108
Initializing PORTC .................................................... 111
Initializing PORTD .................................................... 114
Initializing PORTE .................................................... 117
Loading the SSPBUF (SSPSR) Register ................. 164
Reading a Flash Program Memory Word .................. 77
Saving Status, WREG and
BSR Registers in RAM ..................................... 103
Writing to Flash Program Memory ....................... 80–81
Code Protection ............................................................... 249
COMF ............................................................................... 284
Comparator ...................................................................... 233
Analog Input Connection Considerations ................. 237
Associated Registers ............................................... 237
Configuration ............................................................ 234
Effects of a Reset ..................................................... 236
Interrupts .................................................................. 236
Operation ................................................................. 235
Operation During Sleep ........................................... 236
Outputs .................................................................... 235
Reference ................................................................ 235
External Signal ................................................ 235
Internal Signal .................................................. 235
Response Time ........................................................ 235
Comparator Specifications ............................................... 338
Comparator Voltage Reference ....................................... 239
Accuracy and Error .................................................. 240
Associated Registers ............................................... 241
Configuring .............................................................. 239
Connection Considerations ...................................... 240
Effects of a Reset .................................................... 240
Operation During Sleep ........................................... 240
Compare (CCP Module) .................................................. 142
Associated Registers ............................................... 143
CCPRx Register ...................................................... 142
Pin Configuration ..................................................... 142
Software Interrupt .................................................... 142
Special Event Trigger .............................. 137, 142, 232
Timer1/Timer3 Mode Selection ................................ 142
Compare (ECCP Module) ................................................ 148
Special Event Trigger .............................................. 148
Computed GOTO ............................................................... 56
Configuration Bits ............................................................ 249
Configuration Register Protection .................................... 266
Context Saving During Interrupts ..................................... 103
Conversion Considerations .............................................. 372
CPFSEQ .......................................................................... 284
CPFSGT .......................................................................... 285
CPFSLT ........................................................................... 285
Crystal Oscillator/Ceramic Resonator ................................ 23
D
Data Addressing Modes .................................................... 68
Comparing Addressing Modes with the
Extended Instruction Set Enabled ..................... 71
Direct ......................................................................... 68
Indexed Literal Offset ................................................ 70
Instructions Affected .......................................... 70
Indirect ....................................................................... 68
Inherent and Literal .................................................... 68
Data EEPROM
Code Protection ....................................................... 266
Data EEPROM Memory ..................................................... 83
Associated Registers ................................................. 87
EEADR Register ........................................................ 83
EECON1 and EECON2 Registers ............................. 83
Operation During Code-Protect ................................. 86
Protection Against Spurious Write ............................. 86
Reading ..................................................................... 85
Using ......................................................................... 86
Write Verify ................................................................ 85
Writing ....................................................................... 85
Data Memory ..................................................................... 59
Access Bank .............................................................. 62
and the Extended Instruction Set .............................. 70
Bank Select Register (BSR) ...................................... 59
General Purpose Registers ....................................... 62
Map for PIC18F2420/4420 ........................................ 60
Map for PIC18F2520/4520 ........................................ 61
Special Function Registers ........................................ 63
DAW ................................................................................ 286
DC and AC Characteristics
Graphs and Tables .................................................. 361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More