Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EML17 Fiches technique(PDF) 2 Page - Rohm

No de pièce EML17
Description  General purpose transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

EML17 Fiches technique(HTML) 2 Page - Rohm

  EML17 Datasheet HTML 1Page - Rohm EML17 Datasheet HTML 2Page - Rohm EML17 Datasheet HTML 3Page - Rohm EML17 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EML17
Transistors
2/3
Absolute maximum ratings (Ta=25
°C)
Di1
Parameter
Symbol
VR
IO
IFSM
Tj
Tstg
Limits
30
100
500
125
−40 to +125
Unit
V
mA
mA
°C
°C
DC current voltage
Mean rectifying current
Forward peak surge current (60HZ 1cyc.)
Junction temperature
Storage temperature
60Hz, 1
Tr2
Parameter
Symbol
VCC
VIN
IO
IC(MAX)
Tj
Limits
−50
−40 to +10
−30
−100
150
Unit
V
V
mA
°C
Supply voltage
Input voltage
Output current
Junction temperature
Pd
120
mW
Power dissipation
Di1, Tr2
Parameter
Symbol
Pd
Tstg
Limits
150
−55 to +125
Unit
mW
∗ Each terminal mounted on a recommended land.
°C
Power dissipation
Range of storage temperature
Electrical characteristics (Ta=25
°C)
Di1
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
0.45
VF
VIF=10mA
VR=10V
Forward voltage
IR
0.5
µA
Reverse current
∗ Please pay attention to static electricity when handling.
Tr2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCE
= −10V, IE=5mA, f=100MHz
∗ Transition frequency of the device
Resistance ratio
R2/R1
0.8
1
1.2
VI(off)
−−0.5
IC
= −5V, IO= −100µA
Input voltage
VI(on)
−3.0
−−
V
VO
= −0.3V, IO= −2mA
VO(on)
−0.1
−0.3
V
IO/II
= −10mA/ −0.5mA
Output voltage
II
−−
−0.18
mA
VI
= −5V
Input current
IO(off)
−−
−0.5
µAVCC= −50V, VI=0V
Output current
G1
68
−−
VO
= −5V, IO= −5mA
DC current gain
R1
32.9
47
61.1
k
Ω−
Input resistance
fT
250
MHz
Transition frequency


Numéro de pièce similaire - EML17

FabricantNo de pièceFiches techniqueDescription
logo
Bookham, Inc.
EML10W5575CA-J28 BOOKHAM-EML10W5575CA-J28 Datasheet
398Kb / 9P
10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J34 BOOKHAM-EML10W5575CA-J34 Datasheet
398Kb / 9P
10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J57 BOOKHAM-EML10W5575CA-J57 Datasheet
398Kb / 9P
10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J59 BOOKHAM-EML10W5575CA-J59 Datasheet
398Kb / 9P
10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CB-J28 BOOKHAM-EML10W5575CB-J28 Datasheet
521Kb / 9P
10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
More results

Description similaire - EML17

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
General Purpose Transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com