Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5876 Fiches technique(PDF) 2 Page - TT Electronics.

No de pièce 2N5876
Description  HIGH POWER SILICON PNP/NPN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2N5876 Fiches technique(HTML) 2 Page - TT Electronics.

  2N5876 Datasheet HTML 1Page - TT Electronics. 2N5876 Datasheet HTML 2Page - TT Electronics. 2N5876 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HIGH POWER SILICON
PNP/NPN TRANSISTORS
2N5876 / 2N5878
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9495
Issue 2
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)(1)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(2)
Collector-Emitter
Breakdown Voltage
IC = 20mA
IB = 0
80
V
ICEO
Collector Cut-Off Current
VCE = 40V
IB = 0
1.0
mA
ICEX
Collector Cut-Off Current
VCE = 80V
VBE = -1.5V
0.5
TC = 150°C
5
ICBO
Collector Cut-Off Current
VCB = 80V
IE = 0
0.5
IEBO
Emitter Cut-Off Current
VEB = 5V
IC = 0
1.0
hFE
(2)
Forward-current transfer
ratio
IC = 1.0A
VCE = 4V
35
-
IC = 4A
VCE = 4V
20
150
IC = 10A
VCE = 4V
4
VCE(sat)
(2)
Collector-Emitter Saturation
Voltage
IC = 5A
IB = 0.5A
1.0
V
IC = 10A
IB = 2.5A
3
VBE(sat)
(2)
Base-Emitter Saturation
Voltage
IC = 10A
IB = 2.5A
2.5
VBE(on)
(2)
Base-Emitter On Voltage
IC = 4A
VCE = 4V
1.5
DYNAMIC CHARACTERISTICS
fT
(3)
Current Gain-Bandwidth
Product
IC = 0.5A
VCE = 10V
4
MHz
f = 1.0MHz
hfe
Small Signal Current Gain
IC = 1.0A
VCE = 4V
20
-
f = 1.0KHz
Notes
Notes
Notes
Notes
(1)
For PNP (2N5876) device, voltage and current values are negative
(2)
Pulse Width ≤ 380us, δ ≤ 2%
(3)
fT = |hfe| * ftest


Numéro de pièce similaire - 2N5876

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
2N5876 MOSPEC-2N5876 Datasheet
124Kb / 3P
POWER TRANSISTORS(10A,150W)
logo
List of Unclassifed Man...
2N5876 ETC-2N5876 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N5876 SAVANTIC-2N5876 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
logo
Seme LAB
2N5876 SEME-LAB-2N5876 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
2N5876 ISC-2N5876 Datasheet
131Kb / 3P
Silicon PNP Power Transistors
More results

Description similaire - 2N5876

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
DTS401 NJSEMI-DTS401 Datasheet
91Kb / 1P
NPN & PNP HIGH VOLTAGE SILICON HIGH POWER TRANSISTORS
logo
Continental Device Indi...
TIP122F CDIL-TIP122F Datasheet
213Kb / 3P
NPN/PNP SILICON POWER DARLINGTON TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP122F TEL-TIP122F Datasheet
138Kb / 2P
NPN/PNP SILICON POWER DARLINGTON TRANSISTORS
2N5679 TEL-2N5679 Datasheet
64Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Continental Device Indi...
2N5679 CDIL-2N5679 Datasheet
192Kb / 3P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N5679 BOCA-2N5679 Datasheet
43Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
ON Semiconductor
2N6437 ONSEMI-2N6437 Datasheet
77Kb / 8P
High-Power PNP Silicon Transistors
April, 2001 ??Rev. 2
logo
Seme LAB
2N6436 SEME-LAB-2N6436 Datasheet
41Kb / 2P
HIGH POWER PNP SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4398 NJSEMI-2N4398 Datasheet
390Kb / 3P
PNP SILICON HIGH-POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N4398 BOCA-2N4398 Datasheet
165Kb / 4P
PNP SILICON HIGH-POWER TRANSISTORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com