Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9176-800 Fiches technique(PDF) 1 Page - AVX Corporation

No de pièce 9176-800
Description  Low Profile IDC 22-26AWG
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

9176-800 Fiches technique(HTML) 1 Page - AVX Corporation

  9176-800 Datasheet HTML 1Page - AVX Corporation 9176-800 Datasheet HTML 2Page - AVX Corporation 9176-800 Datasheet HTML 3Page - AVX Corporation 9176-800 Datasheet HTML 4Page - AVX Corporation 9176-800 Datasheet HTML 5Page - AVX Corporation 9176-800 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CONNECT
INTER
1
012918
Low Profile IDC 22-26AWG
9176-800
ELECTRICAL
• Current Rating: 22AWG: 6 amps
24AWG: 5 amps
26AWG: 4 amps
• Voltage Rating: 1p: 600V
2p-4p: 300V
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Glass-Filled Nylon 46; UL94V0
• Contact Material: Phosphor Bronze
• Plating: Lead-Free Tin Over Nickel
• Durability: 3 Cycles
FEATURES AND BENEFITS
• Redundant and fatigue resistant phosphor bronze material
provides a gas tight, cold welded connection to the wire
• IDC connectors can be potted or over molded to encapsulate
electronic modules and provide environmental protection
• The 1p version is available in industry standard colors to match
individual wires for error free wire termination
APPLICATIONS
• Connecting discrete wires and components to a
PCB
• Bringing power and signals onto a PCB
• Daisy chaining or interconnecting PCB’s together
• Application Notes: Refer to 201-01-216
00
Prefix
Wire to Board
Connector
HOW TO ORDER
9176
Series
00X
Number
of Ways
001 = 1
002 = 2
003 = 3
004 = 4
8X3
Wire Gauge Size
853 = 22 AWG Solid and Stranded
863 = 24 AWG Solid and Stranded
873 = 26 AWG Solid and Stranded
X
Insulator Color
9 = White Standard
Solid Colors (1p only)
2 = Brown
3 = Blue
4 = Yellow
5 = Red
6 = Green
7 = Orange
8 = Black
06
Plating Option
06 = Pure Tin
All Over Nickel
AVX industrial/transportation grade insulation displacement connectors (IDC) have
been proven in the market for over ten years. Providing a very simple one-step
termination process, these connectors proved a robust wire-to-board (WTB)
termination in harsh applications.
The 9176-800 series has been developed specifically for 22-26AWG discrete wires in
size critical applications. By reducing the “Z” axis height by 1.0mm and the overall
volume by up to 50%, this new package size is an ideal choice in space constrained
applications over previous IDC connectors. In addition, an expanded size range is
available starting from a 1 position up to 4 positions in each wire gauge. The entire
range provides new packaging solutions in industrial, medical and transportation
applications such as smart metering, LED lighting, industrial controls and portable
monitoring and measurement devices.


Numéro de pièce similaire - 9176-800

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
9176-400 AVX-9176-400 Datasheet
133Kb / 5P
IDC contact is supplied in T&R pockets for standard SMT placement
9176-500 AVX-9176-500 Datasheet
617Kb / 5P
IDC contact is supplied in T&R pockets for standard SMT placement
9176-600 AVX-9176-600 Datasheet
484Kb / 4P
Single Tine PTH 18-24 AWG: WTB
9176-650 AVX-9176-650 Datasheet
506Kb / 4P
Single Tine SMT 18-24 AWG: WTB
9176-700 AVX-9176-700 Datasheet
320Kb / 8P
Capped 18-24 AWG: WTB
More results

Description similaire - 9176-800

FabricantNo de pièceFiches techniqueDescription
logo
DB Lectro Inc
A07 DBLECTRO-A07 Datasheet
291Kb / 1P
LOW PROFILE HIGH DENSITY IDC SOCKET
logo
Tyco Electronics
1-1761681-7 MACOM-1-1761681-7 Datasheet
128Kb / 1P
HEADER ASSEMBLY, VERTICAL, LOW PROFILE, IDC
logo
AVX Corporation
W3L16D225MAT3A AVX-W3L16D225MAT3A Datasheet
245Kb / 4P
IDC Low Inductance Capacitors(RoHS) 0306/0612/0508 IDC
logo
Tyco Electronics
2-1761606-9 MACOM-2-1761606-9 Datasheet
196Kb / 1P
HEADER ASSEMBLY, VERTICAL, LONG EJECT LATCH, LOW PROFILE, IDC
3-1761606-5 MACOM-3-1761606-5 Datasheet
196Kb / 1P
HEADER ASSEMBLY, VERTICAL, LONG EJECT LATCH, LOW PROFILE, IDC
1761603 MACOM-1761603 Datasheet
177Kb / 1P
HEADER ASSEMBLY, VERTICAL, LOW PROFILE, IDC
1761602-5 MACOM-1761602-5 Datasheet
153Kb / 1P
HEADER ASSEMBLY, VERTICAL LOW PROFILE, IDC
1761606-7 MACOM-1761606-7 Datasheet
199Kb / 1P
HEADER ASSEMBLY, VERTICAL LONG EJECT LATCH, LOW PROFILE, IDC
2-1761608-3 MACOM-2-1761608-3 Datasheet
191Kb / 1P
HEADER ASSEMBLY, SHORT EJECT LATCH, VERTICAL, LOW PROFILE, IDC
logo
Hirose Electric
DF62W-EP2226PC HIROSE-DF62W-EP2226PC Datasheet
38Kb / 1P
CONN PIN 22-26AWG CRIMP TIN
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com