Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LHE05-20A05 Fiches technique(PDF) 1 Page - MORNSUN Science& Technology Ltd.

No de pièce LHE05-20A05
Description  5W, AC-DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LHE05-20A05 Fiches technique(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LHE05-20A05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LHE05-20A05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LHE05-20A05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LHE05-20A05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LHE05-20A05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LHE05-20A05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AC/DC Converter
LHE05-20A/C/Dxx Series
2018.08.16-A/2
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
5W, AC-DC converter
FEATURES
Universal Input : 85 - 264VAC/100 - 370VDC
Operating temperature range: -30℃ to +70℃
High isolation voltage up to 4K VAC
Regulated output, Low ripple & noise
Output short circuit, over-current, over-voltage
protection
High efficiency, high reliability
Plastic case, meets UL94V-0
EMI performance meets CISPR32 / EN55032 CLASS B
RoHS
LHE05-20A/C/Dxx series -----a compact size multipath output power converter offered by Mornsun. It features universal input voltage, taking
both DC and AC input voltage, low power consumption, high efficiency, high reliability, safer isolation. It offers good EMC performance,
and it’s widely used in industrial, office and civil applications. For harsh EMC environment, the application circuit in the datasheet is strongly
recommended.
Selection Guide
Part No.*
Output Power
Nominal Output Voltage and Current
Efficiency
(230VAC, %/Typ.)
Max. Capacitive Load(µF)
(Vo1/Io1)
(Vo2/Io2)
Vo1
Vo2
LHE05-20A05**
5W
+5V/500mA
-5V/500mA
73
1500
1500
LHE05-20A12**
+12V/210mA
-12V/210mA
77
220
220
LHE05-20A15**
+15V/160mA
-15V/160mA
77
220
220
LHE05-20C0505-01
5V/800mA
±5V/100mA
70
2400
370
LHE05-20C0512-01
5.4W
5V/600mA
±12V/100mA
73
1600
170
LHE05-20C0515-01
5V/600mA
±15V/80mA
74
1760
80
LHE05-20D0505-01
5W
5V/900mA
5V/100mA
70
3400
400
LHE05-20D0512-01
5V/750mA
12V/100mA
72
2500
220
LHE05-20D0515-01
5V/700mA
15V/100mA
72
2200
220
LHE05-20D0524-01
5.4W
5V/600mA
24V/100mA
74
3100
100
Note:*Part No. with suffix of “A2” means chassis mounting and suffix of ”A4” means DIN-Rail mounting (e.g. LHE05-20D0505-01A2 means chassis mounting;
LHE05-20D0505-01A4 means DIN-Rail mounting)
**About LHE05-20Axx, we use Vo2 as sampling feedback; and all others use Vo1 as sampling feedback and define the primary output.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
264
VAC
DC input
100
--
370
VDC
Input frequency
47
--
63
Hz
Input current
115VAC
--
--
0.125
A
230VAC
--
--
0.08
Inrush current
115VAC
--
10
--
230VAC
--
20
--
Recommended External Input Fuse
1A/250V, slow fusing, necessary
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
Primary output
--
±2
--
%
Secondary output
--
±10
--
Line Regulation
Full load
Primary output
--
±0.5
--
Secondary output
--
±1.5
--
Load Regulation
10%-100% load
(balanced load)
Primary output
--
±2
--
Secondary output
--
±5
--
Ripple & Noise*
20MHz bandwidth
(peak-peak value)
Primary output
--
50
100
mV
Secondary output
--
100
200
Temperature Coefficient
Primary output
--
±0.02
--
%/°C


Numéro de pièce similaire - LHE05-20A05

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LHE05-20B05 MORNSUN-LHE05-20B05 Datasheet
1Mb / 5P
   5W, AC-DC converter
LHE05-20B09 MORNSUN-LHE05-20B09 Datasheet
1Mb / 5P
   5W, AC-DC converter
LHE05-20B12 MORNSUN-LHE05-20B12 Datasheet
1Mb / 5P
   5W, AC-DC converter
LHE05-20B15 MORNSUN-LHE05-20B15 Datasheet
1Mb / 5P
   5W, AC-DC converter
More results

Description similaire - LHE05-20A05

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LS05-15B03S MORNSUN-LS05-15B03S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LD05-23B03 MORNSUN-LD05-23B03_15 Datasheet
359Kb / 5P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LD03-10B03 MORNSUN-LD03-10B03 Datasheet
226Kb / 10P
   3-5W,AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com