| Moteur de recherche de fiches techniques de composants électroniques |
|
MMPF0100Z Fiches technique(PDF) 119 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0100Z Fiches technique(HTML) 119 Page - NXP Semiconductors |
|
119 / 128 page ![]() NXP Semiconductors 119 PF0100Z TYPICAL APPLICATIONS Figure 31. Generic buck regulator architecture Figure 32. Recommended layout for buck regulators 7.3 Thermal information 7.3.1 Rating data The thermal rating data of the packages has been simulated with the results listed in Table 5. Junction to ambient thermal resistance nomenclature: the JEDEC specification reserves the symbol RθJA or θJA (Theta-JA) strictly for junction-to-ambient thermal resistance on a 1s test board in natural convection environment. RθJMA or θJMA (Theta-JMA) is used for both junction-to-ambient on a 2s2p test board in natural convection and for junction-to-ambient with forced convection on both 1s and 2s2p test boards. It is anticipated the generic name, Theta-JA, continues to be commonly used. The JEDEC standards can be consulted at http://www.jedec.org. Diver Controller SWxIN SWxLX SWxFB COUT CIN L SWx VIN Compensation CIN_HF SWxIN Inductor CIN COUT CIN_HF SWxLX GND SWxFB |