Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I110-RP224 Fiches technique(PDF) 2 Page - SICK AG

No de pièce I110-RP224
Description  SAFETY COMMAND DEVICES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

I110-RP224 Fiches technique(HTML) 2 Page - SICK AG

  I110-RP224 Datasheet HTML 1Page - SICK AG I110-RP224 Datasheet HTML 2Page - SICK AG I110-RP224 Datasheet HTML 3Page - SICK AG I110-RP224 Datasheet HTML 4Page - SICK AG I110-RP224 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
i110-RP224 | i110RP
SAFETY COMMAND DEVICES
Ordering information
Type
Part no.
i110-RP224
1064510
Other models and accessories
www.sick.com/i110RP
Detailed technical data
Features
Number of positive action N/C contacts
2
Number of N/O contacts
0
Actuation force (deflection)
≤ 125 N (300 mm)
Actuation frequency
≤ 3,600 /h
Actuation directions
1
Cord length
≤ 30 m
Safety-related parameters
B10d parameter
2 x 106 switching cycles (with small load)
Safe state in the event of a fault
The switch has no internal fault detection and is unable to assume a safe state in the event of
a fault. Fault detection is performed by the connected safety-related logic unit.
Interfaces
Connection type
Plug connector, M12, 4-pin
Flexi-Loop-ready
Electrical data
Switching principle
Slow action switching element
Number of positive action N/C contacts
2
Number of N/O contacts
0
Usage category
DC-13 (IEC 60947-5-1)
Rated operating current (voltage)
2 A (24 V DC)
Rated insulation voltage Ui
32 V
Rated impulse withstand voltage Uimp
1,500 V
Short-circuit protection
2 A
Switching voltage
≥ 5 V DC
Switching current (switching voltage)
≥ 5 mA (5 V DC)
2
SAFETY SWITCHES | SICK
Online data sheet | 2018-07-19 08:52:16
Subject to change without notice


Numéro de pièce similaire - I110-RP224

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
I110-RP223 SICK-I110-RP223 Datasheet
273Kb / 5P
SAFETY COMMAND DEVICES
More results

Description similaire - I110-RP224

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
E100-A2A22C05A SICK-E100-A2A22C05A Datasheet
247Kb / 5P
SAFETY COMMAND DEVICES
E100-A2A22S10A SICK-E100-A2A22S10A Datasheet
247Kb / 5P
SAFETY COMMAND DEVICES
ER12-SB3C4 SICK-ER12-SB3C4 Datasheet
409Kb / 6P
SAFETY COMMAND DEVICES
ER12-SB3C4S01 SICK-ER12-SB3C4S01 Datasheet
423Kb / 6P
SAFETY COMMAND DEVICES
ES11-SA2B8 SICK-ES11-SA2B8 Datasheet
1Mb / 8P
SAFETY COMMAND DEVICES
ES11-SC4D8 SICK-ES11-SC4D8 Datasheet
1Mb / 8P
SAFETY COMMAND DEVICES
ES21-AT1150 SICK-ES21-AT1150 Datasheet
312Kb / 4P
SAFETY COMMAND DEVICES
ES21-CG1001 SICK-ES21-CG1001 Datasheet
361Kb / 4P
SAFETY COMMAND DEVICES
ES21-CG2001 SICK-ES21-CG2001 Datasheet
410Kb / 4P
SAFETY COMMAND DEVICES
ES21-SA13H1 SICK-ES21-SA13H1 Datasheet
366Kb / 5P
SAFETY COMMAND DEVICES
I150-RP313 SICK-I150-RP313 Datasheet
270Kb / 6P
SAFETY COMMAND DEVICES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com