Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I200-M0413 Fiches technique(PDF) 6 Page - SICK AG

No de pièce I200-M0413
Description  SAFETY LOCKING DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

I200-M0413 Fiches technique(HTML) 6 Page - SICK AG

  I200-M0413 Datasheet HTML 1Page - SICK AG I200-M0413 Datasheet HTML 2Page - SICK AG I200-M0413 Datasheet HTML 3Page - SICK AG I200-M0413 Datasheet HTML 4Page - SICK AG I200-M0413 Datasheet HTML 5Page - SICK AG I200-M0413 Datasheet HTML 6Page - SICK AG I200-M0413 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
i200-M0413 Lock | i200 Lock
SAFETY LOCKING DEVICES
Switching elements
E1
E2
E1
E2
E1
E2
Actuator inserted
Positive action N/C locking monitoring contact
Positive action N/C door monitoring contact
LM: Locking monitoring contacts
DM: Door monitoring contacts
Switching element 32:
1 positive action N/C contact + 1 N/O contact (Locking monitoring)
2 positive action N/C contacts + 1 N/O contact (Door monitoring)
Switching element 41:
2 positive action N/C contacts (Locking monitoring)
2 postivie action N/C contacts + 1 N/O contact (Door monitoring)
locked
unlocked
Actuator removed
34
22
12
33
21
11
54
42
53
41
DM
LM
34
22
12
33
21
52
42
51
41
11
DM
LM
34
22
12
33
21
11
54
42
53
41
DM
LM
34
22
12
33
21
52
42
51
41
11
DM
LM
34
22
12
33
21
11
54
42
53
41
DM
LM
34
22
12
33
21
52
42
51
41
11
DM
LM
6
SAFETY SWITCHES | SICK
Online data sheet | 2018-07-20 14:43:28
Subject to change without notice


Numéro de pièce similaire - I200-M0413

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
I200-M0323 SICK-I200-M0323 Datasheet
397Kb / 7P
SAFETY LOCKING DEVICES
More results

Description similaire - I200-M0413

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
TR10-SLM10P SICK-TR10-SLM10P Datasheet
378Kb / 8P
SAFETY LOCKING DEVICES
TR10-SRM03P SICK-TR10-SRM03P Datasheet
378Kb / 8P
SAFETY LOCKING DEVICES
I10-E0354 SICK-I10-E0354 Datasheet
289Kb / 6P
SAFETY LOCKING DEVICES
I10-M0453 SICK-I10-M0453 Datasheet
277Kb / 6P
SAFETY LOCKING DEVICES
I14-M0213 SICK-I14-M0213 Datasheet
291Kb / 6P
SAFETY LOCKING DEVICES
I14-M0303 SICK-I14-M0303 Datasheet
291Kb / 6P
SAFETY LOCKING DEVICES
I110-M0454 SICK-I110-M0454 Datasheet
292Kb / 6P
SAFETY LOCKING DEVICES
I200-M0323 SICK-I200-M0323 Datasheet
397Kb / 7P
SAFETY LOCKING DEVICES
MLP1-SMMA0AC SICK-MLP1-SMMA0AC Datasheet
495Kb / 6P
SAFETY LOCKING DEVICES
MLP1-SMMF0AC SICK-MLP1-SMMF0AC Datasheet
563Kb / 9P
SAFETY LOCKING DEVICES
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com