Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I110-M0453 Fiches technique(PDF) 4 Page - SICK AG

No de pièce I110-M0453
Description  SAFETY LOCKING DEVICES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

I110-M0453 Fiches technique(HTML) 4 Page - SICK AG

  I110-M0453 Datasheet HTML 1Page - SICK AG I110-M0453 Datasheet HTML 2Page - SICK AG I110-M0453 Datasheet HTML 3Page - SICK AG I110-M0453 Datasheet HTML 4Page - SICK AG I110-M0453 Datasheet HTML 5Page - SICK AG I110-M0453 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
i110-M0453 | i110 Lock
SAFETY LOCKING DEVICES
Dimensional drawing (Dimensions in mm (inch))
30
<42>
24.5 +5 *
28.5 +5 **
16
0.5
30
9
4
0.5
M = 0.6 Nm
* Standard actuator
** Actuator with alignment guide
( 1.16)
(1.12 +0.2)
(0.96 +0.2)
(0.16)
(0.35)
(0.63)
(1.18)
(<1.65>)
<40>
(<1.58>)
4
SAFETY SWITCHES | SICK
Online data sheet | 2018-07-20 14:43:28
Subject to change without notice


Numéro de pièce similaire - I110-M0453

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
I110-M0454 SICK-I110-M0454 Datasheet
292Kb / 6P
SAFETY LOCKING DEVICES
More results

Description similaire - I110-M0453

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
TR10-SLM10P SICK-TR10-SLM10P Datasheet
378Kb / 8P
SAFETY LOCKING DEVICES
TR10-SRM03P SICK-TR10-SRM03P Datasheet
378Kb / 8P
SAFETY LOCKING DEVICES
I10-E0354 SICK-I10-E0354 Datasheet
289Kb / 6P
SAFETY LOCKING DEVICES
I10-M0453 SICK-I10-M0453 Datasheet
277Kb / 6P
SAFETY LOCKING DEVICES
I14-M0213 SICK-I14-M0213 Datasheet
291Kb / 6P
SAFETY LOCKING DEVICES
I14-M0303 SICK-I14-M0303 Datasheet
291Kb / 6P
SAFETY LOCKING DEVICES
I110-M0454 SICK-I110-M0454 Datasheet
292Kb / 6P
SAFETY LOCKING DEVICES
I200-M0323 SICK-I200-M0323 Datasheet
397Kb / 7P
SAFETY LOCKING DEVICES
I200-M0413 SICK-I200-M0413 Datasheet
397Kb / 7P
SAFETY LOCKING DEVICES
MLP1-SMMA0AC SICK-MLP1-SMMA0AC Datasheet
495Kb / 6P
SAFETY LOCKING DEVICES
MLP1-SMMF0AC SICK-MLP1-SMMF0AC Datasheet
563Kb / 9P
SAFETY LOCKING DEVICES
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com