Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I10-E0454 Fiches technique(PDF) 3 Page - SICK AG

No de pièce I10-E0454
Description  SAFETY LOCKING DEVICES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

I10-E0454 Fiches technique(HTML) 3 Page - SICK AG

  I10-E0454 Datasheet HTML 1Page - SICK AG I10-E0454 Datasheet HTML 2Page - SICK AG I10-E0454 Datasheet HTML 3Page - SICK AG I10-E0454 Datasheet HTML 4Page - SICK AG I10-E0454 Datasheet HTML 5Page - SICK AG I10-E0454 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
i10-E0454 Lock | i10 Lock
SAFETY LOCKING DEVICES
Conductor cross-section 0.34 mm² ... 1.5 mm²
Electrical data
Contamination rating
3
Switching principle
Slow action switching element
Usage category
AC-15/DC-13 (IEC 60947-5-1)
Rated operating current (voltage)
1 A (24 V AC)
1 A (24 V DC)
Rated insulation voltage Ui
30 V
Rated impulse withstand voltage Uimp
1,500 V AC
Type of output
Electro-mechanical contacts
Power consumption
≤ 8 W
Short-circuit protection
1 A gG
Switching voltage
≥ 12 V DC
Switching current (switching voltage)
≥ 1 mA (24 V DC)
Solenoid operating voltage
(20.4 V DC ... 26.4 V DC)
Switch-on time of magnet
100 %
Locking principle
Power to lock
Mechanical data
Weight
0.5 kg
Housing material
Glass-fiber reinforced thermoplastic
Mechanical life
1 x 106 switching cycles
Ambient data
Enclosure rating
IP67 (IEC 60529)
Ambient operating temperature
–20 °C ... +55 °C
Storage temperature
–20 °C ... +55 °C
Classifications
ECl@ss 5.0
27272603
ECl@ss 5.1.4
27272603
ECl@ss 6.0
27272603
ECl@ss 6.2
27272603
ECl@ss 7.0
27272603
ECl@ss 8.0
27272603
ECl@ss 8.1
27272603
ECl@ss 9.0
27272603
ETIM 5.0
EC002593
ETIM 6.0
EC002593
UNSPSC 16.0901
39122205
2018-07-20 14:43:28 | Online data sheet
Subject to change without notice
SAFETY SWITCHES | SICK
3


Numéro de pièce similaire - I10-E0454

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
I10-E0453 SICK-I10-E0453 Datasheet
277Kb / 6P
SAFETY LOCKING DEVICES
More results

Description similaire - I10-E0454

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
TR10-SLM10P SICK-TR10-SLM10P Datasheet
378Kb / 8P
SAFETY LOCKING DEVICES
TR10-SRM03P SICK-TR10-SRM03P Datasheet
378Kb / 8P
SAFETY LOCKING DEVICES
I10-E0354 SICK-I10-E0354 Datasheet
289Kb / 6P
SAFETY LOCKING DEVICES
I10-M0453 SICK-I10-M0453 Datasheet
277Kb / 6P
SAFETY LOCKING DEVICES
I14-M0213 SICK-I14-M0213 Datasheet
291Kb / 6P
SAFETY LOCKING DEVICES
I14-M0303 SICK-I14-M0303 Datasheet
291Kb / 6P
SAFETY LOCKING DEVICES
I110-M0454 SICK-I110-M0454 Datasheet
292Kb / 6P
SAFETY LOCKING DEVICES
I200-M0323 SICK-I200-M0323 Datasheet
397Kb / 7P
SAFETY LOCKING DEVICES
I200-M0413 SICK-I200-M0413 Datasheet
397Kb / 7P
SAFETY LOCKING DEVICES
MLP1-SMMA0AC SICK-MLP1-SMMA0AC Datasheet
495Kb / 6P
SAFETY LOCKING DEVICES
MLP1-SMMF0AC SICK-MLP1-SMMF0AC Datasheet
563Kb / 9P
SAFETY LOCKING DEVICES
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com