Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TR10-SRM03P Fiches technique(PDF) 3 Page - SICK AG

No de pièce TR10-SRM03P
Description  SAFETY LOCKING DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

TR10-SRM03P Fiches technique(HTML) 3 Page - SICK AG

  TR10-SRM03P Datasheet HTML 1Page - SICK AG TR10-SRM03P Datasheet HTML 2Page - SICK AG TR10-SRM03P Datasheet HTML 3Page - SICK AG TR10-SRM03P Datasheet HTML 4Page - SICK AG TR10-SRM03P Datasheet HTML 5Page - SICK AG TR10-SRM03P Datasheet HTML 6Page - SICK AG TR10-SRM03P Datasheet HTML 7Page - SICK AG TR10-SRM03P Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TR10-SRM03P | TR10 Lock
SAFETY LOCKING DEVICES
Length of cable 3 m
Cable material PVC
Connecting cable length ≤ 200 m
Electrical data
Protection class
II (IEC 61140)
Contamination rating
3
Classification according to cULus
Class 2
Usage category
DC-13 (IEC 60947-5-1)
Rated operating current (voltage)
200 mA (24 V DC)
Rated insulation voltage Ui
75 V
Rated impulse withstand voltage Uimp
1,000 V
Supply voltage VS
24 V DC (20.4 V DC ... 26.4 V DC)
Type of output
Semiconductor (OSSD)
Output current
≤ 200 mA
Peak current
400 mA, 100 ms 1)
Power consumption
2.5 W
Response time
100 ms for the first switch, 50 ms for each subsequent switch 2)
Enable time
600 ms
Risk time
100 ms
Switch-on time
7 s
Locking principle
Power to release
1) During switching on, locking, or unlocking.
2) Time until the outputs are switched off.
Mechanical data
Weight
0.4 kg
Housing material
ABS
Locking bolt material
Stainless steel 304
Mechanical life
5 x 105 switching cycles
Ambient data
Enclosure rating
IP66 (IEC 60529)
IP67 (IEC 60529)
IP69K (IEC 60529)
Ambient operating temperature
0 °C ... +55 °C
Storage temperature
–25 °C ... +75 °C
Vibration resistance
10 Hz ... 55 Hz (IEC 60068-2-6)
Shock resistance
30 g, 11 ms (EN 60068-2-27)
EMC
IEC 60947-5-3
Classifications
ECl@ss 5.0
27272603
ECl@ss 5.1.4
27272603
ECl@ss 6.0
27272603
2018-07-20 14:43:28 | Online data sheet
Subject to change without notice
SAFETY SWITCHES | SICK
3


Numéro de pièce similaire - TR10-SRM03P

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
TR10-SRM01C SICK-TR10-SRM01C Datasheet
405Kb / 8P
   SAFETY LOCKING DEVICES
More results

Description similaire - TR10-SRM03P

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
TR10-SLM10P SICK-TR10-SLM10P Datasheet
378Kb / 8P
   SAFETY LOCKING DEVICES
I10-E0354 SICK-I10-E0354 Datasheet
289Kb / 6P
   SAFETY LOCKING DEVICES
I10-M0453 SICK-I10-M0453 Datasheet
277Kb / 6P
   SAFETY LOCKING DEVICES
I14-M0213 SICK-I14-M0213 Datasheet
291Kb / 6P
   SAFETY LOCKING DEVICES
I14-M0303 SICK-I14-M0303 Datasheet
291Kb / 6P
   SAFETY LOCKING DEVICES
I110-M0454 SICK-I110-M0454 Datasheet
292Kb / 6P
   SAFETY LOCKING DEVICES
I200-M0323 SICK-I200-M0323 Datasheet
397Kb / 7P
   SAFETY LOCKING DEVICES
I200-M0413 SICK-I200-M0413 Datasheet
397Kb / 7P
   SAFETY LOCKING DEVICES
MLP1-SMMA0AC SICK-MLP1-SMMA0AC Datasheet
495Kb / 6P
   SAFETY LOCKING DEVICES
MLP1-SMMF0AC SICK-MLP1-SMMF0AC Datasheet
563Kb / 9P
   SAFETY LOCKING DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com