Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TR10-SRM03P Fiches technique(PDF) 2 Page - SICK AG

No de pièce TR10-SRM03P
Description  SAFETY LOCKING DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

TR10-SRM03P Fiches technique(HTML) 2 Page - SICK AG

  TR10-SRM03P Datasheet HTML 1Page - SICK AG TR10-SRM03P Datasheet HTML 2Page - SICK AG TR10-SRM03P Datasheet HTML 3Page - SICK AG TR10-SRM03P Datasheet HTML 4Page - SICK AG TR10-SRM03P Datasheet HTML 5Page - SICK AG TR10-SRM03P Datasheet HTML 6Page - SICK AG TR10-SRM03P Datasheet HTML 7Page - SICK AG TR10-SRM03P Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TR10-SRM03P | TR10 Lock
SAFETY LOCKING DEVICES
Ordering information
Type
Part no.
TR10-SRM03P
6054756
Other models and accessories
www.sick.com/TR10_Lock
Detailed technical data
Features
Sensor principle
Transponder
Number of safe outputs
2
Coding
Universally coded
Locking force Fmax
1,690 N (EN ISO 14119)
With straight actuator EN ISO 14119
With angled actuator EN ISO 14119
With hinged actuator EN ISO 14119
Locking force FZh
1,300 N (EN ISO 14119)
Actuation directions
4
Approach speed
≥ 2 mm/s
Safety-related parameters
Safety integrity level
SIL3 (IEC 61508)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
9.1 x 10-10 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Type
Type 4 (EN ISO 14119)
Actuator coding level
Low coding level (EN ISO 14119)
Safe state in the event of a fault
At least one safety-related semiconductor output (OSSD) is in the OFF state.
Functions
Cascading
Interfaces
Connection type
Cable
2
SAFETY SWITCHES | SICK
Online data sheet | 2018-07-20 14:43:28
Subject to change without notice


Numéro de pièce similaire - TR10-SRM03P

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
TR10-SRM01C SICK-TR10-SRM01C Datasheet
405Kb / 8P
   SAFETY LOCKING DEVICES
More results

Description similaire - TR10-SRM03P

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
TR10-SLM10P SICK-TR10-SLM10P Datasheet
378Kb / 8P
   SAFETY LOCKING DEVICES
I10-E0354 SICK-I10-E0354 Datasheet
289Kb / 6P
   SAFETY LOCKING DEVICES
I10-M0453 SICK-I10-M0453 Datasheet
277Kb / 6P
   SAFETY LOCKING DEVICES
I14-M0213 SICK-I14-M0213 Datasheet
291Kb / 6P
   SAFETY LOCKING DEVICES
I14-M0303 SICK-I14-M0303 Datasheet
291Kb / 6P
   SAFETY LOCKING DEVICES
I110-M0454 SICK-I110-M0454 Datasheet
292Kb / 6P
   SAFETY LOCKING DEVICES
I200-M0323 SICK-I200-M0323 Datasheet
397Kb / 7P
   SAFETY LOCKING DEVICES
I200-M0413 SICK-I200-M0413 Datasheet
397Kb / 7P
   SAFETY LOCKING DEVICES
MLP1-SMMA0AC SICK-MLP1-SMMA0AC Datasheet
495Kb / 6P
   SAFETY LOCKING DEVICES
MLP1-SMMF0AC SICK-MLP1-SMMF0AC Datasheet
563Kb / 9P
   SAFETY LOCKING DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com