| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72F521R6TC Fiches technique(PDF) 182 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F521R6TC Fiches technique(HTML) 182 Page - STMicroelectronics |
|
182 / 199 page ![]() ST72521M/R/AR 182/199 COMMUNICATIONS INTERFACE CHARACTERISTICS (Cont’d) 12.11.2 CAN - Controller Area Network Interface Subject to general operating condition for VDD, fO- SC, and TA unless otherwise specified. Refer to I/O port characteristics for more details on the input/output alternate function characteristics (CANTX and CANRX). Notes: 1. Data based on simulation results, not tested in production Symbol Parameter Conditions Min Typ Max Unit tp(RX:TX) CAN controller propagation time 1) 60 ns |