![]() |
Moteur de recherche de fiches techniques de composants électroniques |
|
74ALVC164245 Fiches technique(PDF) 10 Page - NXP Semiconductors |
|
|
74ALVC164245 Fiches technique(HTML) 10 Page - NXP Semiconductors |
10 / 19 page ![]() 9397 750 13248 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. Product data sheet Rev. 02 — 1 June 2004 10 of 19 Philips Semiconductors 74ALVC164245 16-bit dual supply translating transceiver; 3-state [1] All typical values are measured at VCCB = 5.0 V, VCCA = 3.3 V and Tamb =25 °C. [2] If VCCA < 2.7 V, the switching levels at all inputs are not TTL compatible. [3] For transceivers, the parameter IOZ includes the input leakage current. [4] VCCA = 2.7 V to 3.6 V: other inputs at VCCA or GND; VCCB = 4.5 V to 5.5 V: other inputs at VCCB or GND. VIL LOW-level input voltage B port VCCB = 4.5 V to 5.5 V [2] - - 0.8 V VCCB = 3.0 V to 3.6 V [2] - - 0.7 V A port VCCA = 3.0 V to 3.6 V - - 0.8 V VCCA = 2.3 V to 2.7 V [2] - - 0.7 V VOH HIGH-level output voltage B port VI =VIH or VIL IO = −24 mA; VCCB = 4.5 V VCCB − 1.2 - - V IO = −12 mA; VCCB = 4.5 V VCCB − 0.8 - - V IO = −18 mA; VCCB = 3.0 V VCCB − 1.0 - - V IO = −100 µA; VCCB = 3.0 V VCCB − 0.3 VCCB -V A port VI =VIH or VIL IO = −24 mA; VCCA = 3.0 V VCCA − 1.0 - - V IO = −100 µA; VCCA = 3.0 V VCCA − 0.3 - - V IO = −12 mA; VCCA = 2.7 V VCCA − 0.8 - - V IO = −8 mA; VCCA = 2.3 V VCCA − 0.6 - - V IO = −100 µA; VCCA = 2.3 V VCCA − 0.3 VCCA -V VOL LOW-level output voltage B port VI =VIH or VIL IO = 24 mA; VCCB = 4.5 V - - 0.60 V IO = 12 mA; VCCB = 4.5 V - - 0.80 V IO = 100 µA; VCCB = 4.5 V - - 0.30 V IO = 18 mA; VCCB = 3.0 V - - 0.80 V IO = 100 µA; VCCB = 3.0 V - - 0.30 V A port VI =VIH or VIL IO = 24 mA; VCCA = 3.0 V - - 0.80 V IO = 100 µA; VCCA = 3.0 V - - 0.30 V IO = 12 mA; VCCA = 2.7 V - - 0.60 V IO = 12 mA; VCCA = 2.3 V - - 0.60 V IO = 100 µA; VCCA = 2.3 V - - 0.20 V ILI input leakage current VI = 5.5 V or GND - ±0.1 ±10 µA IOZ 3-state output OFF-state current VI =VIH or VIL; VO =VCC or GND [3] - ±0.1 ±20 µA ICC quiescent supply current VI =VCC or GND; IO = 0 A - 0.1 80 µA ∆ICC additional quiescent supply current per control pin VI =VCC − 0.6 V; IO =0A [4] - 5 5000 µA Table 7: Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit |
Numéro de pièce similaire - 74ALVC164245 |
|
Description similaire - 74ALVC164245 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |