Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SJ-252X-SMT Fiches technique(PDF) 2 Page - CUI INC

No de pièce SJ-252X-SMT
Description  2.5 MM AUDIO JACKS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

SJ-252X-SMT Fiches technique(HTML) 2 Page - CUI INC

  SJ-252X-SMT_18 Datasheet HTML 1Page - CUI INC SJ-252X-SMT_18 Datasheet HTML 2Page - CUI INC SJ-252X-SMT_18 Datasheet HTML 3Page - CUI INC SJ-252X-SMT_18 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ SERIES: SJ-252X-SMT │ DESCRIPTION: 2.5 MM AUDIO JACKS
date 02/14/2018
│ page 2 of 4
0.173
4.4
11.40.449
(2 PLCS)
1.7 0.067
0.1 0.004
(TYP)
0.047
(4 PLCS)
0.031
0.118
3.00
0.315
0.3
0.800
(2 PLCS)
8.0
1.20
6.00 0.236
2
1
4
3
2.50 0.098
4.6 0.181
5.00
2.600 0.102
0.197
0.157
4.00
5.60 0.220
0.472
12.0
0.059
1.50
4.50 0.177
0.800.031
(TYP)
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
copper alloy
silver
terminal 2
copper alloy
silver
terminal 3
copper alloy
silver
terminal 4
brass
silver
plastic
PA6T or
equivalent
units: mm[inches]
TOLERANCE:
X.X ±0.2 mm
X.XX ±0.1 mm
X.XXX ±0.05 mm
PCB: ±0.05 mm
11
Ø 2.5 MATING PLUG
Model No.
SJ-2523-SMT
SJ-2524-SMT
Schematic
1
2
3
3
2
1
4
PIN
1
sleeve
sleeve
2
tip
tip
3
ring
ring
4
NP
tip switch
Recommended PCB Layout
Top View
For more information, please visit the product page.


Numéro de pièce similaire - SJ-252X-SMT_18

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
SJ-252X-SMT CUI-SJ-252X-SMT Datasheet
168Kb / 3P
2.5 MM AUDIO JACKS
logo
CUI Devices
SJ-252X-SMT CUID-SJ-252X-SMT Datasheet
479Kb / 4P
AUDIO JACK
11/15/2022
More results

Description similaire - SJ-252X-SMT_18

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
SJ1-4253X-SMT CUI-SJ1-4253X-SMT Datasheet
191Kb / 3P
2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT Datasheet
168Kb / 3P
2.5 MM AUDIO JACKS
SJ1-251X-SMT CUI-SJ1-251X-SMT Datasheet
170Kb / 3P
2.5 MM AUDIO JACKS
SJ1-253X-SMT CUI-SJ1-253X-SMT Datasheet
187Kb / 3P
2.5 MM AUDIO JACKS
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
3.5 MM AUDIO JACKS
SJ1-4251X CUI-SJ1-4251X Datasheet
159Kb / 3P
2.5 MM AUDIO JACKS
SJ1-4251X-SMT CUI-SJ1-4251X-SMT Datasheet
185Kb / 3P
2.5 MM AUDIO JACKS
SJ1-4251 CUI-SJ1-4251 Datasheet
159Kb / 3P
2.5 MM AUDIO JACKS
SJ1-4253X-SMT CUI-SJ1-4253X-SMT_18 Datasheet
441Kb / 4P
2.5 MM AUDIO JACKS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com