Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IPP60R520E6 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce IPP60R520E6
Description  N-Channel MOSFET Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IPP60R520E6 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  IPP60R520E6 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IPP60R520E6 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
IPP60R520E6,IIPP60R520E6
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID =0.25mA
600
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID =0.23mA
2.5
3.5
V
RDS(on)
Drain-Source On-Resistance
VGS=10V; ID=2.8A
0.52
Ω
IGSS
Gate-Source Leakage Current
VGS=20V; VDS=0V
0.1
μ
A
IDSS
Drain-Source Leakage Current
VDS=600V; VGS= 0V
1
μ
A
VSD
Diode forward voltage
IF=3.5A; VGS = 0V
0.9
V


Numéro de pièce similaire - IPP60R520E6

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
IPP60R520E6 INFINEON-IPP60R520E6 Datasheet
1Mb / 16P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPP60R520E6 INFINEON-IPP60R520E6 Datasheet
1Mb / 16P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.2, 2014-12-10
More results

Description similaire - IPP60R520E6

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
IPD65R600E6 ISC-IPD65R600E6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
IRL8113 ISC-IRL8113 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IRLB8721 ISC-IRLB8721 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IRLZ24N ISC-IRLZ24N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP048N12N3 ISC-IPP048N12N3 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IPP50R350CP ISC-IPP50R350CP Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IPP110N20NA ISC-IPP110N20NA Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP60R060C7 ISC-IPP60R060C7 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP60R299CP ISC-IPP60R299CP Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP60R190E6 ISC-IPP60R190E6 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com