Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V23061 Fiches technique(PDF) 3 Page - TE Connectivity Ltd

No de pièce V23061
Description  1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

V23061 Fiches technique(HTML) 3 Page - TE Connectivity Ltd

  V23061 Datasheet HTML 1Page - TE Connectivity Ltd V23061 Datasheet HTML 2Page - TE Connectivity Ltd V23061 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature Power PCB Relay MSR V23061 (Continued)
Product code structure
Typical product code
V23061
-A
1
007
-A
3
02
Type
V23061
Miniature Power PCB Relay MSR
Version
A
1 form A contact (1 NO), UL-class A
B
1 form C contact (1 CO), UL-class A
C
1 form A contact (1 NO), UL-class F
D
1 form C contact (1 CO), UL-class F
Version
1
Wash tight
2
Flux proof
Coil
Coil-code: please refer to coil versions table
Contact system
A
Standard
Contact material
3
AgSnO
2
8
AgNi 90/10
Contact information
01
1 form C (CO) contact
02
1 form A (NO) contact
Other types on request
Product code
Version
Contacts
Contact material
Coil
Part Number
V23061-A1002-A302
Wash tight
1 form A
AgSnO
2
5VDC
1393222-4
V23061-A1003-A302
1 NO contact
6VDC
1393222-9
V23061-A1005-A302
12VDC
2-1393222-0
V23061-A1007-A302
24VDC
3-1393222-9
V23061-B1002-A301
1 form C
5VDC
7-1393222-2
V23061-B1005-A301
1 CO contact
12VDC
9-1393222-1
V23061-B1007-A301
24VDC
1-1393223-7
V23061-B1009-A301
48VDC
3-1393223-7
V23061-C2001-A802
Flux proof
1 form A
AgNi 90/10
3VDC
5-1416200-3
V23061-C2002-A802
1 NO contact
5VDC
5-1416200-4
V23061-C2003-A802
6VDC
5-1416200-5
V23061-C2004-A802
9VDC
5-1416200-6
V23061-C2005-A802
12VDC
5-1416200-0
V23061-C2007-A802
24VDC
5-1416200-8
V23061-C2009-A802
48VDC
6-1416200-0
V23061-C2010-A802
60VDC
6-1416200-1
V23061-D2001-A801
1 form C
3VDC
6-1416200-2
V23061-D2002-A801
1 CO contact
5VDC
6-1416200-3
V23061-D2003-A801
6VDC
6-1416200-4
V23061-D2004-A801
9VDC
6-1416200-5
V23061-D2005-A801
12VDC
6-1416200-6
V23061-D2007-A801
24VDC
6-1416200-7
V23061-D2009-A801
48VDC
6-1416200-9
V23061-D2010-A801
60VDC
7-1416200-0


Numéro de pièce similaire - V23061

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
V23061-A1002-A302 MACOM-V23061-A1002-A302 Datasheet
205Kb / 3P
   Miniature Power PCB Relay
V23061-A1002-A302 MACOM-V23061-A1002-A302 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
V23061-A1002-A302 MACOM-V23061-A1002-A302 Datasheet
255Kb / 3P
   Miniature Power PCB Relay MSR V23061
V23061-A1002-A502 MACOM-V23061-A1002-A502 Datasheet
205Kb / 3P
   Miniature Power PCB Relay
V23061-A1002-A502 MACOM-V23061-A1002-A502 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
More results

Description similaire - V23061

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
logo
Tyco Electronics
T9A MACOM-T9A Datasheet
242Kb / 3P
   1 pole 30 A, 1 NO or 1 CO contact
logo
TE Connectivity Ltd
T9V TEC-T9V Datasheet
241Kb / 2P
   1 pole 40A, 1 form A (NO) contact
REL TEC-REL Datasheet
234Kb / 2P
   1 pole 5 A, 1 form A (NO) contact
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com