Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNR Fiches technique(PDF) 1 Page - TE Connectivity Ltd

No de pièce SNR
Description  1 pole 6A, 1 form C (CO), 1 form A (NO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SNR Fiches technique(HTML) 1 Page - TE Connectivity Ltd

  SNR_15 Datasheet HTML 1Page - TE Connectivity Ltd SNR_15 Datasheet HTML 2Page - TE Connectivity Ltd SNR_15 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Slimline PCB Relay SNR
n
1 pole 6A, 1 form C (CO), 1 form A (NO)
n
Only 5mm wide
n
Flat pack version available
n
Sensitive coil 170mW
n
Reinforced insulation (protection classII)
n
Strong coil pins for DIN-rail socket
n
Allows high function- / packaging density
n
Cadmium-free contacts, AgNi 90/10 for AC-loads
Typical applications
Interface technology, PLC’s, timers, centralized and decentralized heating
control
Approvals
VDE Cert. No. 40010063, UL E214025
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
6A
Limiting making current, max 4s, df 10%
10A
Breaking capacity max.
1500VA
Contact material
AgSnO2,
AgSnO2
AgNi 90/10
gold plated
Min. recommended contact load
100mA, 12V
50mW
Frequency of operation, with/without load
6/1200min-1
Operate/release time max.
12/5ms
Bounce time max., form A/form B
3/8ms
Contact ratings
Type
Contact Load
Cycles
EC 61810
V23092-*****-A301, -A801 C (CO)
6A, 250VAC, cos
φ=1, 85°C
5x103
UL 508
V23092-*****-A301, -A801 A/B
6A, 250VAC,
general purpose, 85°C
6x103
V23092-*****-A301, -A801 A/B (NO) B300, 85°C
6x103
V23092-*****-A301, -A801 A/B
R300, 85°C
6x103
EN60730-1
V23092-*****-A302
A (NO)
3A (1.5A), 250VAC, 85°C
100x103
V23092-*****-A302, -A802 A (NO)
5A (1.5A), 250VAC, 85°C
10x103
Mechanical endurance, DC coil
10x106 operations
Coil Data
Coil voltage range
5 to 60VDC
Operative range, IEC 61810
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
005
5
3.5
0.25
147
170
012
12
8.4
0.6
848
170
024
24
16.8
1.2
3390
170
048
48
33.6
2.4
106001)
217
060
60
42.0
3.0
205001)
176
1) Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
≥6/8mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250
F0140-D
Z


Numéro de pièce similaire - SNR_15

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNR016 SONIX-SNR016 Datasheet
179Kb / 9P
   16M-bit Mask ROM
logo
TE Connectivity Ltd
SNR TEC-SNR_14 Datasheet
368Kb / 2P
   Relay package consisting of DIN-rail socket and relay
More results

Description similaire - SNR_15

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
V23061 TEC-V23061 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
T9V TEC-T9V Datasheet
241Kb / 2P
   1 pole 40A, 1 form A (NO) contact
REL TEC-REL Datasheet
234Kb / 2P
   1 pole 5 A, 1 form A (NO) contact
logo
Siemens Semiconductor G...
LH1527 SIEMENS-LH1527 Datasheet
144Kb / 25P
   1 Form C
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com