Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNR Fiches technique(PDF) 3 Page - TE Connectivity Ltd

No de pièce SNR
Description  1 pole 6A, 1 form C (CO), 1 form A (NO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SNR Fiches technique(HTML) 3 Page - TE Connectivity Ltd

  SNR_15 Datasheet HTML 1Page - TE Connectivity Ltd SNR_15 Datasheet HTML 2Page - TE Connectivity Ltd SNR_15 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Slimline PCB Relay SNR (Continued)
Product code structure
Typical product code
V23092
-A
1
005
-A
3
01
Type
V23092 Slimline PCB relay SNR
Version
A PCB, vertical version
B PCB, flat pack version
S Plug-in, vertical version
Version
1
Wash tight
Coil
Coil code: please refer to coil versions table
Contact system
A Standard
Contact material
2
AgSnO2, gold plated
3
AgSnO2
8
AgNi 90/10
Contact configuration
01 1 form C contact (1 CO)
02 1 form A contact (1 NO)
NO version with 8/8mm clearance and creepage and other types on request
Product code
Version
Contact arrangement Contact material
Coil
Part number
V23092-A1005-A201
PCB
1 form C (CO) contact
AgSnO2, gold plated
5VDC
1393236-1
V23092-A1005-A202
vertical version
1 form A (NO) contact
8-1415067-1
V23092-A1005-A301
wash tight
1 form C (CO) contact
AgSnO2
1393236-2
V23092-A1005-A302
1 form A (NO) contact
9-1415067-1
V23092-A1005-A801
1 form C (CO) contact
AgNi 90/10
1-1415068-1
V23092-A1005-A802
1 form A (NO) contact
1415068-1
V23092-A1012-A201
1 form C (CO) contact
AgSnO2, gold plated
12VDC
1393236-4
V23092-A1012-A202
1 form A (NO) contact
1393236-5
V23092-A1012-A301
1 form C (CO) contact
AgSnO2
1393236-7
V23092-A1012-A302
1 form A (NO) contact
1393236-8
V23092-A1012-A801
1 form C (CO) contact
AgNi 90/10
1-1393236-3
V23092-A1012-A802
1 form A (NO) contact
2-1415068-1
V23092-A1024-A201
1 form C (CO) contact
AgSnO2, gold plated
24VDC
2-1393236-1
V23092-A1024-A202
1 form A (NO) contact
2-1393236-2
V23092-A1024-A301
1 form C (CO) contact
AgSnO2
2-1393236-4
V23092-A1024-A302
1 form A (NO) contact
2-1393236-5
V23092-A1024-A801
1 form C (CO) contact
AgNi 90/10
3-1393236-0
V23092-A1024-A802
1 form A (NO) contact
5-1415063-1
V23092-A1048-A201
1 form C (CO) contact
AgSnO2, gold plated
48VDC
3-1393236-5
V23092-A1048-A202
1 form A (NO) contact
3-1393236-6
V23092-A1048-A301
1 form C (CO) contact
AgSnO2
3-1393236-7
V23092-A1048-A302
1 form A (NO) contact
3-1393236-8
V23092-A1048-A801
1 form C (CO) contact
AgNi 90/10
3-1393236-9
V23092-A1048-A802
1 form A (NO) contact
3-1415068-1
V23092-S1005-A201
Plug-in
1 form C (CO) contact
AgSnO2, gold plated
5VDC
1956024-9
V23092-S1005-A301
vertical version
AgSnO2
1-1956024-0
V23092-S1012-A201
wash tight
AgSnO2, gold plated
12VDC
1956024-1
V23092-S1012-A301
AgSnO2
1956024-2
V23092-S1024-A201
AgSnO2, gold plated
24VDC
1956024-3
V23092-S1024-A301
AgSnO2
1956024-4
V23092-S1048-A201
AgSnO2, gold plated
48VDC
1956024-5
V23092-S1048-A301
AgSnO2
1956024-6
V23092-S1060-A201
AgSnO2, gold plated
60VDC
1956024-7
V23092-S1060-A301
AgSnO2
1956024-8


Numéro de pièce similaire - SNR_15

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SNR016 SONIX-SNR016 Datasheet
179Kb / 9P
   16M-bit Mask ROM
logo
TE Connectivity Ltd
SNR TEC-SNR_14 Datasheet
368Kb / 2P
   Relay package consisting of DIN-rail socket and relay
More results

Description similaire - SNR_15

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
V23061 TEC-V23061 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
T9V TEC-T9V Datasheet
241Kb / 2P
   1 pole 40A, 1 form A (NO) contact
REL TEC-REL Datasheet
234Kb / 2P
   1 pole 5 A, 1 form A (NO) contact
logo
Siemens Semiconductor G...
LH1527 SIEMENS-LH1527 Datasheet
144Kb / 25P
   1 Form C
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com