Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C11980 Fiches technique(PDF) 123 Page - Ledil, Inc.

No de pièce C11980
Description  Lena Reflector
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11980 Fiches technique(HTML) 123 Page - Ledil, Inc.

Back Button C11980 Datasheet HTML 115Page - Ledil, Inc. C11980 Datasheet HTML 116Page - Ledil, Inc. C11980 Datasheet HTML 117Page - Ledil, Inc. C11980 Datasheet HTML 118Page - Ledil, Inc. C11980 Datasheet HTML 119Page - Ledil, Inc. C11980 Datasheet HTML 120Page - Ledil, Inc. C11980 Datasheet HTML 121Page - Ledil, Inc. C11980 Datasheet HTML 122Page - Ledil, Inc. C11980 Datasheet HTML 123Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 123 / 123 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More