Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C11979 Fiches technique(PDF) 176 Page - Ledil, Inc.

No de pièce C11979
Description  Lena Reflector
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11979 Fiches technique(HTML) 176 Page - Ledil, Inc.

Back Button C11979 Datasheet HTML 168Page - Ledil, Inc. C11979 Datasheet HTML 169Page - Ledil, Inc. C11979 Datasheet HTML 170Page - Ledil, Inc. C11979 Datasheet HTML 171Page - Ledil, Inc. C11979 Datasheet HTML 172Page - Ledil, Inc. C11979 Datasheet HTML 173Page - Ledil, Inc. C11979 Datasheet HTML 174Page - Ledil, Inc. C11979 Datasheet HTML 175Page - Ledil, Inc. C11979 Datasheet HTML 176Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 176 / 176 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More