| Moteur de recherche de fiches techniques de composants électroniques |
|
DS31256 Fiches technique(PDF) 163 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Fiches technique(HTML) 163 Page - Maxim Integrated Products |
|
163 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 163 of 183 12. JTAG 12.1JTAG Description The DS31256 supports the standard instruction codes SAMPLE/PRELOAD, BYPASS, and EXTEST. Optional public instructions included are HIGHZ, CLAMP, and IDCODE. Figure 12-1 is a block diagram. The DS31256 contains the following items, which meet the requirements set by the IEEE 1149.1 Standard Test Access Port and Boundary Scan Architecture: Test Access Port (TAP) TAP Controller Instruction Register Bypass Register Boundary Scan Register Device Identification Register The TAP has the necessary interface pins JTCLK, JTRST, JTDI, JTDO, and JTMS. Details about these pins can be found in Section 3.4. Refer to IEEE 1149.1-1990, IEEE 1149.1a-1993, and IEEE 1149.1b- 1994 for details about the Boundary Scan Architecture and the TAP. Figure 12-1. Block Diagram BOUNDARY SCAN REGISTER IDENTIFICATION REGISTER BYPASS REGISTER INSTRUCTION REGISTER TEST ACCESS PORT CONTROLLER SELECT TRI-STATE JTDI 10k JTMS 10k JTCLK JTRST 10k JTDO |