Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE1916 Fiches technique (PDF) - NTE Electronics

NTE1916 Datasheet PDF - NTE Electronics
No de pièce NTE1916
Télécharger  NTE1916 Télécharger

Taille du fichier   25.83 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description 3 Terminal Positive Voltage Regulator 15V, 1.5A

NTE1916 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NTE1916 Datasheet PDF - NTE Electronics

No de pièce NTE1916
Télécharger  NTE1916 Click to download

Taille du fichier   25.83 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description 3 Terminal Positive Voltage Regulator 15V, 1.5A

NTE1916 Fiches technique (HTML) - NTE Electronics

NTE1916 Datasheet HTML 1Page - NTE Electronics NTE1916 Datasheet HTML 2Page - NTE Electronics

NTE1916 Détails du produit

Description:

The NTE1916 is a positive 3–terminal voltage regulator in a TO3 type package suitable for numerous applications requiring up to 1.5A. Current limiting is included to limit peak output current to a safe value. Safe area protection for the output transistor is provided to limit internal power dissipation. If internal power dissipation becomes too high for the heat sinking provided, the thermal shutdown circuit takes over limiting die temperature.

Although designed primarily as a fixed voltage regulator, the NTE1916 can be used with external components to obtain adjustable voltages and currents.



Features:

• Output Current in Excess of 1.5A

• Internal Thermal Overload Protection

• 100% Thermal Limit Burn–In

• Output Transistor Safe Area Protection

• Internal Short Circuit Current Limit



 




Numéro de pièce similaire - NTE1916

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE191 NTE-NTE191 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Video Amplifier
NTE1910 NTE-NTE1910 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 9V, 1A
NTE1911 NTE-NTE1911 Datasheet
26Kb / 2P
   3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE1913 NTE-NTE1913 Datasheet
24Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 1.5A
More results


Description similaire - NTE1916

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
78T05AA UTC-78T05AA Datasheet
325Kb / 10P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78TXXAA UTC-78TXXAA Datasheet
759Kb / 8P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1918 NTE-NTE1918 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 15V, 3A
logo
First Components Intern...
LM317J FCI-LM317J Datasheet
365Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
logo
GTM CORPORATION
GLLM317 GTM-GLLM317 Datasheet
311Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GJLM317 ETC2-GJLM317 Datasheet
308Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Components Intern...
GLLM317J FCI-GLLM317J Datasheet
465Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
GTM CORPORATION
G3ULM317 GTM-G3ULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com