Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE1167 Fiches technique (PDF) - NTE Electronics

NTE1167 Datasheet PDF - NTE Electronics
No de pièce NTE1167
Télécharger  NTE1167 Télécharger

Taille du fichier   23.94 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer

NTE1167 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
NTE1167 Datasheet PDF - NTE Electronics

No de pièce NTE1167
Télécharger  NTE1167 Click to download

Taille du fichier   23.94 Kbytes
Page   2 Pages
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer

NTE1167 Fiches technique (HTML) - NTE Electronics

NTE1167 Datasheet HTML 1Page - NTE Electronics NTE1167 Datasheet HTML 2Page - NTE Electronics

NTE1167 Détails du produit

Description:

The NTE1167 consists of a crystal oscillator, 10 bit divider, phase comparator, and a programmable divide–by–N 9–bit counter in a single CMOS 16–Lead DIP type integrated circuit. This device is designed for use in frequency synthesizers and phase locked loop applications for CB transceivers since it includes a reference frequency selector pin.



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Supply Voltage, VDD – VSS . . . . . . . . . . .. . . . . . . . . . . –0.3V to +7V

Input Voltage, VIN . . . . . . . . . . . . . . .. . . . . . . . . . . VSS ≤ VIN ≤ VDD

Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . 250mW

Operating Temperature Range, Topr . . . . . . . . . . . . . . –30° to +70°C

Storage Temperature Range, Tstg . . . . . . . . . .  . . . . . . . . . –55° to +125°C

Lead Temperature (During Soldering, 5sec Max), TL . . . . . . . . . . . . . . . +260°C




Numéro de pièce similaire - NTE1167

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
NTE1161 NTE-NTE1161 Datasheet
25Kb / 3P
   Integrated Circuit TV Video/Sound IF Amp, Detector
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp & FM Detector
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1166 NTE-NTE1166 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Output, 5.8W for Car Radio & CB
More results


Description similaire - NTE1167

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1254 NTE-NTE1254 Datasheet
23Kb / 2P
   Integrated Circuit Phase-Lock Loop (PLL) Frequency Synthesizer for CB
NTE1534 NTE-NTE1534 Datasheet
20Kb / 2P
   Integrated Circuit CMOS, Phase Lock Loop (PLL) Frequency Synthesizer for AM/FM Radio
NTE1475 NTE-NTE1475 Datasheet
29Kb / 3P
   Integrated Circuit CMOS, Phase-Locked Loop (PLL) Frequency Synthesizer for CB
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1206 NTE-NTE1206 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1484 NTE-NTE1484 Datasheet
61Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Demod
NTE989 NTE-NTE989 Datasheet
27Kb / 4P
   Integrated Circuit General Purpose Phase Lock Loop (PLL)
NTE1192 NTE-NTE1192 Datasheet
21Kb / 2P
   Integrated Circuit VCO for Phase Lock Loop(PLL)
NTE15013 NTE-NTE15013 Datasheet
22Kb / 2P
   Integrated Circuit TV VIF Amp, Phase Lock Loop (PLL)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com