Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILC6383 Fiches technique (PDF) - Fairchild Semiconductor

ILC6383 Datasheet PDF - Fairchild Semiconductor
No de pièce ILC6383
Télécharger  ILC6383 Télécharger

Taille du fichier   480.31 Kbytes
Page   15 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output

ILC6383 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ILC6383 Datasheet PDF - Fairchild Semiconductor

No de pièce ILC6383
Télécharger  ILC6383 Click to download

Taille du fichier   480.31 Kbytes
Page   15 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output

ILC6383 Fiches technique (HTML) - Fairchild Semiconductor

Back Button ILC6383 Datasheet HTML 1Page - Fairchild Semiconductor ILC6383 Datasheet HTML 2Page - Fairchild Semiconductor ILC6383 Datasheet HTML 3Page - Fairchild Semiconductor ILC6383 Datasheet HTML 4Page - Fairchild Semiconductor ILC6383 Datasheet HTML 5Page - Fairchild Semiconductor ILC6383 Datasheet HTML 6Page - Fairchild Semiconductor ILC6383 Datasheet HTML 7Page - Fairchild Semiconductor ILC6383 Datasheet HTML 8Page - Fairchild Semiconductor ILC6383 Datasheet HTML 9Page - Fairchild Semiconductor ILC6383 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

ILC6383 Détails du produit

Description
The ILC6383 series of step-up DC-DC converters operate from 1-cell to 3-cell input. They are direct replacement for ILC6382, in applications where SYNC pin is not used. The PFM or PWM operating mode is user selectable through SEL pin connected to ground or left open, respectively. The choice should be dependent upon the current to be delivered to the load: PFM is recommended for input voltage higher than 1.5V and loads below 100mA, while PWM is recommended for more than 50mA load current and in noise sensitive applications. In shutdown mode, the device allows true load disconnect from battery input. Designed for wireless communications applications, the oscillator frequency is set at 300kHz with no harmonics at sub 20kHz audio band or at 455kHz IF band.

Features
• Guaranteed start up in PWM at 0.9V input
• Synchronous rectification requires no external diode
• True load disconnect from battery input in shutdown
• Up to 75mA at 3.3V and 40mA at 5V from 1V input
• Up to 375mA at 3.3V and 300mA at 5V from 3V input
• Peak efficiency > 90%
• 1µA battery input current in shutdown (with VOUT = 0V)
• Internal Oscillator frequency: 300kHz to ±15%
• ILC6383: Fixed 3.3V or 5V output
• ILC6383-ADJ: Adjustable output to 6V maximum
• Low battery detector with 100ms transient rejection delay
• Powergood output flag when VOUT is in regulation

Applications
• Cellular Phones, Pagers
• Palmtops, PDAs and portable electronics
• High efficiency 1V step up converters




Numéro de pièce similaire - ILC6383

FabricantNo de pièceFiches techniqueDescription
logo
Impala Linear Corporati...
ILC6380 IMPALA-ILC6380 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380AP-25 IMPALA-ILC6380AP-25 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380AP-33 IMPALA-ILC6380AP-33 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380AP-50 IMPALA-ILC6380AP-50 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380BP-25 IMPALA-ILC6380BP-25 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
More results


Description similaire - ILC6383

FabricantNo de pièceFiches techniqueDescription
logo
Impala Linear Corporati...
ILC6382 IMPALA-ILC6382 Datasheet
1Mb / 19P
   1-CELL TO 3-CELL BOOST WITH TRUE LOAD DISCONNECT, 3.3V, 5V OR ADJUSTABLE OUTPUT
logo
Maxim Integrated Produc...
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
logo
Micro Linear Corporatio...
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
   2 Cell, Adjustable Output Boost Regulator with Load Disconnect
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
   2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Maxim Integrated Produc...
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
logo
STMicroelectronics
ST777 STMICROELECTRONICS-ST777 Datasheet
344Kb / 11P
   LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
October 2002
logo
Maxim Integrated Produc...
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
logo
Linear Technology
LTC1502-3.3 LINER-LTC1502-3.3 Datasheet
171Kb / 8P
   Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
LTC1502-3.3 LINER-LTC1502-3.3_15 Datasheet
177Kb / 8P
   Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com