Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPI5342-H Fiches technique (PDF) - AUK corp

SPI5342-H Datasheet PDF - AUK corp
No de pièce SPI5342-H
Télécharger  SPI5342-H Télécharger

Taille du fichier   57.06 Kbytes
Page   3 Pages
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp
Description Photo Diode

SPI5342-H Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SPI5342-H Datasheet PDF - AUK corp

No de pièce SPI5342-H
Télécharger  SPI5342-H Click to download

Taille du fichier   57.06 Kbytes
Page   3 Pages
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp
Description Photo Diode

SPI5342-H Fiches technique (HTML) - AUK corp

SPI5342-H Datasheet HTML 1Page - AUK corp SPI5342-H Datasheet HTML 2Page - AUK corp SPI5342-H Datasheet HTML 3Page - AUK corp

SPI5342-H Détails du produit

Features
• Peak sensitivity wavelength matching with infrared LED(λ P=950nm)
• 4.8mm × 5.5mm side view package
• Colorless transparency lens type

Application
• Infrared remote controllers for TVs, VCRs, Audio equipment etc




Numéro de pièce similaire - SPI5342-H

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
SPI5342-H KODENSHI-SPI5342-H Datasheet
149Kb / 4P
   Photo Diode
More results


Description similaire - SPI5342-H

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
MTD7030 MARKTECH-MTD7030 Datasheet
67Kb / 2P
   PHOTO DIODE
logo
KODENSHI_AUK CORP.
SPI5842 KODENSHI-SPI5842 Datasheet
150Kb / 4P
   Photo Diode
logo
Marktech Corporate
MTD6100PT MARKTECH-MTD6100PT_15 Datasheet
561Kb / 3P
   Photo Diode
logo
Roithner LaserTechnik G...
EPD-365-0-1.4 ROITHNER-EPD-365-0-1.4 Datasheet
212Kb / 2P
   Photo diode
logo
Marktech Corporate
MTD1114M3B MARKTECH-MTD1114M3B_15 Datasheet
551Kb / 3P
   Photo Diode
MTD5010N MARKTECH-MTD5010N_15 Datasheet
640Kb / 3P
   Photo Diode
MTD3010PM MARKTECH-MTD3010PM_2 Datasheet
151Kb / 1P
   Photo Diode
logo
Renesas Technology Corp
NDL5461P RENESAS-NDL5461P Datasheet
193Kb / 10P
   PHOTO DIODE
1994
NDL5481P RENESAS-NDL5481P Datasheet
195Kb / 10P
   PHOTO DIODE
1994
NDL5506P RENESAS-NDL5506P Datasheet
185Kb / 1P
   PHOTO DIODE
1993
NDL5531P RENESAS-NDL5531P Datasheet
203Kb / 10P
   PHOTO DIODE
1996
More results




À propos de AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com