Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R11715-01 Fiches technique (PDF) - Hamamatsu Corporation

R11715-01 Datasheet PDF - Hamamatsu Corporation
No de pièce R11715-01_15
Télécharger  R11715-01 Télécharger

Taille du fichier   112.98 Kbytes
Page   2 Pages
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 28 mm (1-1/8 Inch) Diameter, 9-stage, Side-on Type Low Noise Bialkali Photocathode UV Glass, With a Peltier Device Thermistor, and Insulation Cover Case Attached

R11715-01 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
R11715-01 Datasheet PDF - Hamamatsu Corporation

No de pièce R11715-01_15
Télécharger  R11715-01 Click to download

Taille du fichier   112.98 Kbytes
Page   2 Pages
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 28 mm (1-1/8 Inch) Diameter, 9-stage, Side-on Type Low Noise Bialkali Photocathode UV Glass, With a Peltier Device Thermistor, and Insulation Cover Case Attached

R11715-01 Fiches technique (HTML) - Hamamatsu Corporation

R11715-01_15 Datasheet HTML 1Page - Hamamatsu Corporation R11715-01_15 Datasheet HTML 2Page - Hamamatsu Corporation



Numéro de pièce similaire - R11715-01_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
R117152807 ETC2-R117152807 Datasheet
57Kb / 2P
   RIGHT ANGLE PLUG SOLDER TPYE CABLE . 085
More results


Description similaire - R11715-01_15

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
R11568 HAMAMATSU-R11568 Datasheet
140Kb / 2P
   28 mm (1-1/8 Inch) Diameter, 9-stage, Bialkali Photocathode, Side-on Type High Gain and Low Dark Current
R12829 HAMAMATSU-R12829_15 Datasheet
99Kb / 4P
   800 nm High Sensitivity Multialkali Photocathode 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R928 HAMAMATSU-R928_15 Datasheet
183Kb / 4P
   Extended Red, High Sensitivity, Multialkali Photocathode 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R9876 HAMAMATSU-R9876 Datasheet
241Kb / 4P
   PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R374 HAMAMATSU-R374_15 Datasheet
26Kb / 2P
   Multialkali Photocathode for UV to Near IR Range 28 mm (1-1/8 Inch) Diameter, 11-stage Head-On Type
R9800 HAMAMATSU-R9800_09 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R5108 HAMAMATSU-R5108_03 Datasheet
205Kb / 4P
   PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Transmission Mode S-1 Photocathode, Side-on Type
R877 HAMAMATSU-R877_15 Datasheet
51Kb / 2P
   For Scintillation Counting, 127 mm (5 Inch) Diameter Bialkali Photocathode, 10-Stage, Head-on Type
R12857 HAMAMATSU-R12857 Datasheet
144Kb / 2P
   13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode
R580 HAMAMATSU-R580_15 Datasheet
50Kb / 2P
   For Scintillation Counting and High Energy Physics 38 mm (1-1/2 lnch) Diameter, 10-stage, Bialkali Photocathode, Head-on Type
More results




À propos de Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com