Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL1557AIRZ Fiches technique (PDF) - Intersil Corporation

ISL1557AIRZ Datasheet PDF - Intersil Corporation
No de pièce ISL1557AIRZ
Télécharger  ISL1557AIRZ Télécharger

Taille du fichier   113.32 Kbytes
Page   2 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12V xDSL Differential Line Driver with Enhanced Output Protection

ISL1557AIRZ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ISL1557AIRZ Datasheet PDF - Intersil Corporation

No de pièce ISL1557AIRZ
Télécharger  ISL1557AIRZ Click to download

Taille du fichier   113.32 Kbytes
Page   2 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12V xDSL Differential Line Driver with Enhanced Output Protection

ISL1557AIRZ Fiches technique (HTML) - Intersil Corporation

ISL1557AIRZ Datasheet HTML 1Page - Intersil Corporation ISL1557AIRZ Datasheet HTML 2Page - Intersil Corporation

ISL1557AIRZ Détails du produit

The ISL1557A is a dual operational amplifier designed for
VDSL2 and ADSL line driving in DMT based solutions. This
device features a high drive capability of 750mA while
consuming only 6mA of supply current per amplifier and
operating from a single 4.5V to 12V supply. The driver
achieves a typical distortion of -80dBc, at 150kHz into a 25
load. ISL1557A is design with stronger output clamps to
enhance protection against lightning transients.
The ISL1557A is available in the thermally-enhanced
16 Ld QFN and 10 Ld HMSOP package and is specified for
operation over the full -40°C to +85°C temperature range.
The ISL1557A has control pins C0 and C1 for controlling the
bias and enable/disable of the outputs. These controls allow
for lowering the power to fit the performance/power ratio for
the application.
The ISL1557A is ideal for ADSL2+, SDSL, HDSL2 and
VDSL line driving applications, including both 14.5dBm and
21dBm applications.

Features
• 21dBm output power capability
• Drives up to 750mA from a +12V supply
• 20VP-P differential output drive into 21
• -80dBc typical driver output distortion at full output at
150kHz
• -75dBc typical driver output distortion at 4MHz
• -82dBc typical driver output distortion at 10MHz
• -79dBc typical driver output distortion at 17MHz
• Low quiescent current of 6mA per amplifier
• Supply range
- For ISL1557AIUEZ 4.5V to 12V
- For ISL1557AIRZ ±2.25V to ±6V, 4.5V to 12V
• 300MHz bandwidth
• Thermal shutdown
• Pb-free (RoHS compliant)

Applications
• VDSL2 line drivers
• ADSL2+ CPE line driving
• G.SHDSL, HDSL2 line drivers




Numéro de pièce similaire - ISL1557AIRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL1557AIRZ INTERSIL-ISL1557AIRZ Datasheet
53Kb / 2P
   12V xDSL Differential Line Driver with Enhanced Output Protection
logo
Renesas Technology Corp
ISL1557AIRZ RENESAS-ISL1557AIRZ Datasheet
869Kb / 12P
   12V xDSL Differential Line Driver with Enhanced Output Protection
logo
Intersil Corporation
ISL1557AIRZ-T7 INTERSIL-ISL1557AIRZ-T7 Datasheet
53Kb / 2P
   12V xDSL Differential Line Driver with Enhanced Output Protection
logo
Renesas Technology Corp
ISL1557AIRZ-T7 RENESAS-ISL1557AIRZ-T7 Datasheet
869Kb / 12P
   12V xDSL Differential Line Driver with Enhanced Output Protection
More results


Description similaire - ISL1557AIRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL1557A RENESAS-ISL1557A Datasheet
869Kb / 12P
   12V xDSL Differential Line Driver with Enhanced Output Protection
logo
Intersil Corporation
ISL1557A INTERSIL-ISL1557A Datasheet
53Kb / 2P
   12V xDSL Differential Line Driver with Enhanced Output Protection
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517 Datasheet
138Kb / 2P
   xDSL Differential Line Driver
EL1517 INTERSIL-EL1517_06 Datasheet
34Kb / 2P
   xDSL Differential Line Driver
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com