Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JANSR2N7407 Fiches technique (PDF) - Intersil Corporation

JANSR2N7407 Datasheet PDF - Intersil Corporation
No de pièce JANSR2N7407
Télécharger  JANSR2N7407 Télécharger

Taille du fichier   55.19 Kbytes
Page   8 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Formerly Available As FSF254R4, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs

JANSR2N7407 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
JANSR2N7407 Datasheet PDF - Intersil Corporation

No de pièce JANSR2N7407
Télécharger  JANSR2N7407 Click to download

Taille du fichier   55.19 Kbytes
Page   8 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Formerly Available As FSF254R4, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs

JANSR2N7407 Fiches technique (HTML) - Intersil Corporation

JANSR2N7407 Datasheet HTML 1Page - Intersil Corporation JANSR2N7407 Datasheet HTML 2Page - Intersil Corporation JANSR2N7407 Datasheet HTML 3Page - Intersil Corporation JANSR2N7407 Datasheet HTML 4Page - Intersil Corporation JANSR2N7407 Datasheet HTML 5Page - Intersil Corporation JANSR2N7407 Datasheet HTML 6Page - Intersil Corporation JANSR2N7407 Datasheet HTML 7Page - Intersil Corporation JANSR2N7407 Datasheet HTML 8Page - Intersil Corporation

JANSR2N7407 Détails du produit

The Discrete Products Operation of Intersil has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 18A, 250V, rDS(ON) = 0.170Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 15nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 1E13 Neutrons/cm2
• Usable to 1E14 Neutrons/cm2




Numéro de pièce similaire - JANSR2N7407

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7401 INTERSIL-JANSR2N7401 Datasheet
55Kb / 8P
   6A, 250V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7402 INTERSIL-JANSR2N7402 Datasheet
45Kb / 8P
   3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7403 INTERSIL-JANSR2N7403 Datasheet
45Kb / 8P
   22A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFET
JANSR2N7404 INTERSIL-JANSR2N7404 Datasheet
45Kb / 8P
   15A, -200V, 0.290 Ohm, Rad Hard, P-Channel Power MOSFET
More results


Description similaire - JANSR2N7407

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
JANSR2N7408 INTERSIL-JANSR2N7408 Datasheet
55Kb / 8P
   Formerly Available As FSF450R4, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
JANSR2N7439 INTERSIL-JANSR2N7439 Datasheet
58Kb / 8P
   Formerly Available As FSL923A0R4, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
JANSR2N7438 INTERSIL-JANSR2N7438 Datasheet
56Kb / 8P
   Formerly Available As FSL913A0R4, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
JANSR2N7440 INTERSIL-JANSR2N7440 Datasheet
71Kb / 8P
   Formerly Available as FSS913A0R4, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYE23A0D INTERSIL-FSYE23A0D Datasheet
57Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
FSYA254D INTERSIL-FSYA254D Datasheet
55Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com