Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HI5813 Fiches technique (PDF) - Intersil Corporation

HI5813 Datasheet PDF - Intersil Corporation
No de pièce HI5813
Télécharger  HI5813 Télécharger

Taille du fichier   153.41 Kbytes
Page   11 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold

HI5813 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HI5813 Datasheet PDF - Intersil Corporation

No de pièce HI5813
Télécharger  HI5813 Click to download

Taille du fichier   153.41 Kbytes
Page   11 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold

HI5813 Fiches technique (HTML) - Intersil Corporation

Back Button HI5813 Datasheet HTML 1Page - Intersil Corporation HI5813 Datasheet HTML 2Page - Intersil Corporation HI5813 Datasheet HTML 3Page - Intersil Corporation HI5813 Datasheet HTML 4Page - Intersil Corporation HI5813 Datasheet HTML 5Page - Intersil Corporation HI5813 Datasheet HTML 6Page - Intersil Corporation HI5813 Datasheet HTML 7Page - Intersil Corporation HI5813 Datasheet HTML 8Page - Intersil Corporation HI5813 Datasheet HTML 9Page - Intersil Corporation HI5813 Datasheet HTML 10Page - Intersil Corporation Next Button 

HI5813 Détails du produit

Description
The HI5813 is a 3.3V, very low power, 12-bit, successive approximation analog-to-digital converter. It can operate from a single 3V to 6V supply and typically draws a maximum of 1.0mA (at 25°C) when operating at 3.3V. The HI5813 features a built-in track and hold. The conversion time is as low as 25µs with a 3.3V supply.

Features
• Conversion Time . . . . . . . . . . . . . . . . . . . . . . . . . . . 25µs
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . .40 KSPS
• Built-In Track and Hold
• Single Supply Voltage . . . . . . . . . . . . . . . . . . . . . . +3.3V
• Maximum Power Consumption at 25°C. . . . . . . . 3.3mW

Applications
• Remote Low Power Data Acquisition Systems
• Battery Operated Systems
• Pen Based PC Handheld Scanners
• DSP Modems
• General Purpose DSP Front End
• µP Controlled Measurement Systems
• PCMCIA Type II Compliant
• PC Based Industrial Controls/DAQ Systems




Numéro de pièce similaire - HI5813

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813KIB INTERSIL-HI5813KIB Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results


Description similaire - HI5813

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com