Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSTU6800MTC Fiches technique (PDF) - Fairchild Semiconductor

FSTU6800MTC Datasheet PDF - Fairchild Semiconductor
No de pièce FSTU6800MTC
Télécharger  FSTU6800MTC Télécharger

Taille du fichier   192.2 Kbytes
Page   5 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection

FSTU6800MTC Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FSTU6800MTC Datasheet PDF - Fairchild Semiconductor

No de pièce FSTU6800MTC
Télécharger  FSTU6800MTC Click to download

Taille du fichier   192.2 Kbytes
Page   5 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection

FSTU6800MTC Fiches technique (HTML) - Fairchild Semiconductor

FSTU6800MTC Datasheet HTML 1Page - Fairchild Semiconductor FSTU6800MTC Datasheet HTML 2Page - Fairchild Semiconductor FSTU6800MTC Datasheet HTML 3Page - Fairchild Semiconductor FSTU6800MTC Datasheet HTML 4Page - Fairchild Semiconductor FSTU6800MTC Datasheet HTML 5Page - Fairchild Semiconductor

FSTU6800MTC Détails du produit

General Description
The Fairchild Switch FSTU6800 provides 10-bits of high speed CMOS TTL-compatible bus switching. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. Both the A Ports and the B Ports have “undershoot hardened” circuit protection to support an extended input range to 2.0V below ground. Fairchild’s integrated Undershoot Hardened Circuit (UHC®) senses undershoot at the I/Os, and responds by preventing voltage differentials from developing and turning on the switch. The device also precharges the B Port to a selectable bias voltage (BiasV) to minimize live insertion noise.

Features
■ 4Ω switch connection between two ports.
■ Undershoot Hardened to -2.0V.
■ Soft enable turn-on to minimize bus-to-bus charge sharing during enable.
■ Low lCC.
■ Zero bounce in flow-through mode.
■ Output precharge to minimize live insertion noise.
■ Control inputs compatible with TTL level.
■ See Applications Note AN-5008 for details.




Numéro de pièce similaire - FSTU6800MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSTU6800MTC FAIRCHILD-FSTU6800MTC Datasheet
181Kb / 5P
   10-Bit Bus Switch with Pre-Charged Outputs and −2V Undershoot Hardened Circuit (UHC) Protection
FSTU6800MTC FAIRCHILD-FSTU6800MTC Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
More results


Description similaire - FSTU6800MTC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
Texas Instruments
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Texas Instruments
SN74CBT6800C TI1-SN74CBT6800C Datasheet
816Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS WITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16811C TI-SN74CBT16811C Datasheet
187Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16800C TI1-SN74CBT16800C Datasheet
498Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT6845C TI-SN74CBT6845C Datasheet
679Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com