Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD74HC83 Fiches technique (PDF) - Hitachi Semiconductor

HD74HC83 Datasheet PDF - Hitachi Semiconductor
No de pièce HD74HC83
Télécharger  HD74HC83 Télécharger

Taille du fichier   56.96 Kbytes
Page   10 Pages
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-Bit Binary Full Adder (with Fast Carry)

HD74HC83 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HD74HC83 Datasheet PDF - Hitachi Semiconductor

No de pièce HD74HC83
Télécharger  HD74HC83 Click to download

Taille du fichier   56.96 Kbytes
Page   10 Pages
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-Bit Binary Full Adder (with Fast Carry)

HD74HC83 Fiches technique (HTML) - Hitachi Semiconductor

HD74HC83 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 9Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 10Page - Hitachi Semiconductor

HD74HC83 Détails du produit

Description
This improved full adder performs the addition of two 4-bit binary numbers. The sum ( ) output are provided for each bit and the resultant carry (C4) is obtained from the fourth bit.
This adder features full internal look ahead across all four bit generating the carry term in ten nanoseconds typically.
This provides the system designer with partial look-ahead performance at the economy and reduced package count of a ripple-carry implementation.

Features
• High Speed Operation: tpd (Ai or Bi to Zi) = 16 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Numéro de pièce similaire - HD74HC83

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
HD74HC83FPEL RENESAS-HD74HC83FPEL Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
HD74HC83FPEL RENESAS-HD74HC83FPEL Datasheet
122Kb / 9P
   4-bit Binary Full Adder (with Fast Carry)
HD74HC83RPEL RENESAS-HD74HC83RPEL Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
HD74HC83RPEL RENESAS-HD74HC83RPEL Datasheet
122Kb / 9P
   4-bit Binary Full Adder (with Fast Carry)
More results


Description similaire - HD74HC83

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
More results




À propos de Hitachi Semiconductor


Hitachi Semiconductor est une filiale de Hitachi, Ltd., une entreprise japonaise spécialisée dans la conception et la fabrication de semi-conducteurs.
La société a été créée en 1970 et a son siège à Tokyo, au Japon.
Hitachi Semiconductor propose une large gamme de produits, notamment des produits de mémoire, des microcontrôleurs, des circuits intégrés de gestion de l'alimentation et d'autres semi-conducteurs analogiques et numériques.
Les produits de l'entreprise sont utilisés dans diverses applications telles que l'électronique grand public, les systèmes automobiles et les équipements industriels.
Hitachi Semiconductor est connu pour son expertise dans la technologie des semi-conducteurs et sa capacité à fournir des produits de haute qualité et fiables à ses clients.
La société possède des opérations et des installations dans divers pays à travers le monde et travaille en étroite collaboration avec ses clients pour fournir des solutions de semi-conducteurs personnalisées qui répondent à leurs exigences et besoins spécifiques.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com