Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L8121-01 Fiches technique (PDF) - Hamamatsu Corporation

L8121-01 Datasheet PDF - Hamamatsu Corporation
No de pièce L8121-01
Télécharger  L8121-01 Télécharger

Taille du fichier   181.74 Kbytes
Page   4 Pages
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 150kV MICROFOCUS X-RAY SOURCE

L8121-01 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
L8121-01 Datasheet PDF - Hamamatsu Corporation

No de pièce L8121-01
Télécharger  L8121-01 Click to download

Taille du fichier   181.74 Kbytes
Page   4 Pages
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 150kV MICROFOCUS X-RAY SOURCE

L8121-01 Fiches technique (HTML) - Hamamatsu Corporation

L8121-01 Datasheet HTML 1Page - Hamamatsu Corporation L8121-01 Datasheet HTML 2Page - Hamamatsu Corporation L8121-01 Datasheet HTML 3Page - Hamamatsu Corporation L8121-01 Datasheet HTML 4Page - Hamamatsu Corporation

L8121-01 Détails du produit

FEATURES
● Focal Spot Size: 5 µm (at 4 W)
   Providing 5 µm focal spot size, for the sealed-off type X-ray
   source with built-in power supply. It gives a clear
   clair-voyance image despite of higher magnification ratio.
● Easy Handling
   Convenient handling (with no high voltage wiring) since the
   air cooled X-ray source and the high voltage power supply
   are in one package.
● Continuous Operation
   It allows continuous maximum output, 150 kV and 500 µA,
   operation.
● Built-in External Control Function
   It is automatically operable from external control since it
   has a built-in RS-232C interface.

APPLICATIONS
● X-ray Non-destructive Test
   • Printed Circuits • Electronic Components
   • Semiconductor Devices • Ceramics
   • Soldered Parts • Rubbers
   • Combinated Materials • Plastics
   • New materials • Die casting
● Multilayer Printed Circuit Board X-ray Inspection•Drilling Instrument
● Industrial On-line Process Control and Measurement
● Industrial X-ray Computer Tomography System




Numéro de pièce similaire - L8121-01

FabricantNo de pièceFiches techniqueDescription
logo
Superworld Electronics
L812HW SUPERWORLD-L812HW Datasheet
576Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L812HW-100MF SUPERWORLD-L812HW-100MF Datasheet
576Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L812HW-1R0MF SUPERWORLD-L812HW-1R0MF Datasheet
576Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L812HW-1R5MF SUPERWORLD-L812HW-1R5MF Datasheet
576Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L812HW-2R2MF SUPERWORLD-L812HW-2R2MF Datasheet
576Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
More results


Description similaire - L8121-01

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
L7901-01 HAMAMATSU-L7901-01 Datasheet
209Kb / 4P
   100kV MICROFOCUS X-RAY SOURCE
L8601-01 HAMAMATSU-L8601-01 Datasheet
514Kb / 4P
   90KV MICROFOCUS X-RAY SOURCE
L9631 HAMAMATSU-L9631_15 Datasheet
657Kb / 4P
   110 kV MICROFOCUS X-RAY SOURCE
L10951 HAMAMATSU-L10951_15 Datasheet
665Kb / 4P
   110 kV MICROFOCUS X-RAY SOURCE
L10101 HAMAMATSU-L10101_15 Datasheet
730Kb / 4P
   100 kV MICROFOCUS X-RAY SOURCE
L9421-02 HAMAMATSU-L9421-02_15 Datasheet
284Kb / 4P
   90 kV MICROFOCUS X-RAY SOURCE
L6622-01 HAMAMATSU-L6622-01 Datasheet
620Kb / 4P
   130 KV MICROFOCUS X-RAY SOURCE
L12161-07 HAMAMATSU-L12161-07_15 Datasheet
672Kb / 4P
   150 kV MICROFOCUS X-RAY SOURCE
L10321 HAMAMATSU-L10321_15 Datasheet
692Kb / 4P
   100 kV MICROFOCUS X-RAY SOURCE
L9181-02 HAMAMATSU-L9181-02_15 Datasheet
670Kb / 4P
   130 kV MICROFOCUS X-RAY SOURCE
More results




À propos de Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com