Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FODM2705R2 Fiches technique (PDF) - Fairchild Semiconductor

FODM2705R2 Datasheet PDF - Fairchild Semiconductor
No de pièce FODM2705R2
Télécharger  FODM2705R2 Télécharger

Taille du fichier   1339.51 Kbytes
Page   11 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers

FODM2705R2 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FODM2705R2 Datasheet PDF - Fairchild Semiconductor

No de pièce FODM2705R2
Télécharger  FODM2705R2 Click to download

Taille du fichier   1339.51 Kbytes
Page   11 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers

FODM2705R2 Fiches technique (HTML) - Fairchild Semiconductor

Back Button FODM2705R2 Datasheet HTML 1Page - Fairchild Semiconductor FODM2705R2 Datasheet HTML 2Page - Fairchild Semiconductor FODM2705R2 Datasheet HTML 3Page - Fairchild Semiconductor FODM2705R2 Datasheet HTML 4Page - Fairchild Semiconductor FODM2705R2 Datasheet HTML 5Page - Fairchild Semiconductor FODM2705R2 Datasheet HTML 6Page - Fairchild Semiconductor FODM2705R2 Datasheet HTML 7Page - Fairchild Semiconductor FODM2705R2 Datasheet HTML 8Page - Fairchild Semiconductor FODM2705R2 Datasheet HTML 9Page - Fairchild Semiconductor FODM2705R2 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FODM2705R2 Détails du produit

Description
The FODM124, FODM121, and FODM2701 series consists of a gallium arsenide infrared emitting diode driving a phototransistor in a compact 4-pin mini-flat package. The lead pitch is 2.54 mm. The FODM2705 series consists of two gallium arsenide infrared emitting diodes connected in inverse parallel for AC operation.
   
Features
■ >5mm creepage/clearance
■ Compact 4-pin surface mount package
    (2.4mm maximum standoff height)
■ Current Transfer Ratio in selected groups
    DC Input:
    FODM121: 50–600%        FODM2701: 50–300%
    FODM121A: 100–300%    FODM2701A: 150–300%
    FODM121B: 50–150%      FODM2701B: 80–160%
    FODM121C: 100–200%    FODM124: 100% MIN
    FODM121D: 50–100%
    FODM121E: 150–300%
    FODM121F: 100–600%
    FODM121G: 200–400%
    AC Input:
    FODM2705: 50–300%
■ Available in tape and reel quantities of 500 and 2500
■ Applicable to Infrared Ray reflow
    (260°C max, 10 seconds)
■ C-UL, UL and VDE* certifications
   
Applications
■ Digital logic inputs
■ Microprocessor inputs
■ Power supply monitor
■ Twisted pair line receiver
■ Telephone line receiver
   




Numéro de pièce similaire - FODM2705R2

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results


Description similaire - FODM2705R2

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com