Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAR2512TEBXXZ01A Fiches technique (PDF) - Lineage Power Corporation

CAR2512TEBXXZ01A Datasheet PDF - Lineage Power Corporation
No de pièce CAR2512TEBXXZ01A
Télécharger  CAR2512TEBXXZ01A Télécharger

Taille du fichier   303.98 Kbytes
Page   15 Pages
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description 90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W

CAR2512TEBXXZ01A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CAR2512TEBXXZ01A Datasheet PDF - Lineage Power Corporation

No de pièce CAR2512TEBXXZ01A
Télécharger  CAR2512TEBXXZ01A Click to download

Taille du fichier   303.98 Kbytes
Page   15 Pages
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description 90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W

CAR2512TEBXXZ01A Fiches technique (HTML) - Lineage Power Corporation

Back Button CAR2512TEBXXZ01A Datasheet HTML 1Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 9Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 10Page - Lineage Power Corporation Next Button 



Numéro de pièce similaire - CAR2512TEBXXZ01A

FabricantNo de pièceFiches techniqueDescription
logo
Riedon Powertron
CAR2512 RIEDON-CAR2512 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
145Kb / 3P
   CAR Series
logo
Lineage Power Corporati...
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FP5Y0-1A LINEAGEPOWER-CAR2512FP5Y0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
More results


Description similaire - CAR2512TEBXXZ01A

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Advantech Co., Ltd.
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
   5Vdc, 3A, 15W Power Supply
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
   5VDC, 3A, 15W Switching Power Supply
logo
Lineage Power Corporati...
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com