Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7653 Fiches technique (PDF) - Analog Devices

AD7653 Datasheet PDF - Analog Devices
No de pièce AD7653
Télécharger  AD7653 Télécharger

Taille du fichier   320.43 Kbytes
Page   24 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC

AD7653 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AD7653 Datasheet PDF - Analog Devices

No de pièce AD7653
Télécharger  AD7653 Click to download

Taille du fichier   320.43 Kbytes
Page   24 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC

AD7653 Fiches technique (HTML) - Analog Devices

Back Button AD7653 Datasheet HTML 1Page - Analog Devices AD7653 Datasheet HTML 2Page - Analog Devices AD7653 Datasheet HTML 3Page - Analog Devices AD7653 Datasheet HTML 4Page - Analog Devices AD7653 Datasheet HTML 5Page - Analog Devices AD7653 Datasheet HTML 6Page - Analog Devices AD7653 Datasheet HTML 7Page - Analog Devices AD7653 Datasheet HTML 8Page - Analog Devices AD7653 Datasheet HTML 9Page - Analog Devices AD7653 Datasheet HTML 10Page - Analog Devices Next Button 

AD7653 Détails du produit

GENERAL DESCRIPTION
The AD7664 is a 16-bit, 570 kSPS, charge redistribution SAR, analog-to-digital converter that operates from a single 5 V power supply. The part contains a high speed 16-bit sampling ADC, an internal conversion clock, error correction circuits, and both serial and parallel system interface ports.
The AD7664 is hardware factory-calibrated and is comprehensively tested to ensure such ac parameters as signal-to-noise ratio (SNR) and total harmonic distortion (THD), in addition to the more traditional dc parameters of gain, offset, and linearity.
It features a very high sampling rate mode (Warp), a fast mode (Normal) for asynchronous conversion rate applications, and for low power applications, a reduced power mode (Impulse) where the power is scaled with the throughput.
It is fabricated using Analog Devices’ high performance, 0.6 micron CMOS process, with correspondingly low cost and is available in a 48-lead LQFP and a tiny 48-lead LFCSP with operation specified from –40°C to +85°C.

FEATURES
   Throughput:
      570 kSPS (Warp Mode)
      500 kSPS (Normal Mode)
      444 kSPS (Impulse Mode)
   INL: ±2.5 LSB Max (±0.0038% of Full Scale)
   16-Bit Resolution with No Missing Codes
   S/(N+D): 90 dB Typ @ 45 kHz
   THD: –100 dB Typ @ 45 kHz
   Analog Input Voltage Range: 0 V to 2.5 V
   Both AC and DC Specifications
   No Pipeline Delay
   Parallel and Serial 5 V/3 V Interface
   SPI®/QSPI™/MICROWIRE™/DSP Compatible
   Single 5 V Supply Operation
   Power Dissipation
      115 mW Maximum,
      21 μW @ 100 SPS
   Power-Down Mode: 7 W Max
   Package: 48-Lead Quad Flat Pack (LQFP)
      48-Lead Chip Scale Package (LFCSP)
   Pin-to-Pin Compatible Upgrade of the AD7660

APPLICATIONS
   Data Acquisition
   Instrumentation
   Digital Signal Processing
   Spectrum Analysis
   Medical Instruments
   Battery-Powered Systems
   Process Control




Numéro de pièce similaire - AD7653

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7653 AD-AD7653 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7653 AD-AD7653 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
AD7653 AD-AD7653 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7653 AD-AD7653 Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7653 AD-AD7653 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
More results


Description similaire - AD7653

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
AD7665 AD-AD7665 Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7661 AD-AD7661 Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
More results




À propos de Analog Devices


Analog Devices, Inc. (ADI) est une entreprise cotée en bourse qui conçoit, développe et fabrique des circuits intégrés analogiques, de signal mixte et de signal numérique (DSP) (ICS).
L'entreprise a été fondée en 1965 et a son siège à Norwood, Massachusetts.
L'ADI dessert un large éventail d'industries, notamment l'aérospatiale et la défense, l'automobile, les communications, les consommateurs, l'industrie, le médical et le test et la mesure.
Le portefeuille de produits de l'entreprise comprend des convertisseurs de données, des amplificateurs et des comparateurs, des circuits intégrés de gestion de l'alimentation, des microcontrôleurs, des capteurs et des composants radiofréquences (RF) et des micro-ondes, entre autres.
ADI se consacre à l'innovation et à la satisfaction des clients et s'engage à fournir à ses clients des solutions fiables de haute qualité pour répondre à leurs besoins.
En mettant l'accent sur l'efficacité énergétique et la durabilité, ADI est un leader de l'industrie des circuits intégrés analogiques et mixtes, stimulant les progrès technologiques et fournissant des solutions innovantes aux problèmes les plus difficiles du monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com