Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK4394 Fiches technique (PDF) - Asahi Kasei Microsystems

AK4394 Datasheet PDF - Asahi Kasei Microsystems
No de pièce AK4394
Télécharger  AK4394 Télécharger

Taille du fichier   299.68 Kbytes
Page   26 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description ADVANCED MULTI-BIT 192KHZ 24-BIT DAC

AK4394 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AK4394 Datasheet PDF - Asahi Kasei Microsystems

No de pièce AK4394
Télécharger  AK4394 Click to download

Taille du fichier   299.68 Kbytes
Page   26 Pages
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description ADVANCED MULTI-BIT 192KHZ 24-BIT DAC

AK4394 Fiches technique (HTML) - Asahi Kasei Microsystems

Back Button AK4394 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4394 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4394 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4394 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4394 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4394 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4394 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4394 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4394 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4394 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK4394 Détails du produit

GENERAL DESCRIPTION

The AK4394 is a high performance stereo DAC for the 192kHz sampling mode of DVD-Audio including a 24bit digital filter. The AK4394 introduces the advanced multi-bit system for DS modulator. This new architecture achieves the wider dynamic range, while keeping much the same superior distortion characteristics as conventional Single-Bit way. In the AK4394, the analog outputs are filtered in the analog domain by switched-capacitor filter(SCF) with high tolerance to clock jitter. The analog outputs are full differential output, so the device is suitable for hi-end applications. The digital I/F can correspond to TTL levels, so it is easy to I/F with 3.3V logic IC.



FEATURES

· 128x Oversampling

· Sampling Rate up to 192kHz

· 24Bit 8x Digital Filter (Slow-roll-off option) Ripple: ±0.005dB, Attenuation: 75dB

· High Tolerance to Clock Jitter

· Low Distortion Differential Output

· Digital de-emphasis for 32, 44.1, 48 & 96kHz sampling

· Soft Mute

· THD+N: -100dB

· DR, S/N: 120dB

· I/F format : MSB justified, 16/20/24bit LSB justified, I2S

· Master Clock: Normal Speed: 256fs, 384fs, 512fs or 768fs

                    Double Speed: 128fs, 192fs, 256fs or 384fs

                    Quad Speed: 128fs or 192fs

· Power Supply: 5V±5%

· TTL Level Digital I/F

· Small Package: 28pin VSOP

· Pin Compatible with AK4393



 




Numéro de pièce similaire - AK4394

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK4390 AKM-AK4390 Datasheet
444Kb / 32P
   Ultra Low Latency 32-Bit ?誇 DAC
AK4390EF AKM-AK4390EF Datasheet
444Kb / 32P
   Ultra Low Latency 32-Bit ?誇 DAC
AK4392 AKM-AK4392 Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
AK4392EQ AKM-AK4392EQ Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
   ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
More results


Description similaire - AK4394

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4396VF AKM-AK4396VF Datasheet
541Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
   ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
   24-bit 192kHz DAC with Advanced Digital Filtering
logo
Cirrus Logic
WM8741 CIRRUS-WM8741 Datasheet
898Kb / 66P
   24-bit 192kHz DAC with Advanced Digital Filtering
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
   24-bit 192kHz DAC with Advanced Digital Filtering
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com