Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-306 Fiches technique (PDF) - List of Unclassifed Manufacturers

MC-306 Datasheet PDF - List of Unclassifed Manufacturers
No de pièce MC-306
Télécharger  MC-306 Télécharger

Taille du fichier   261.08 Kbytes
Page   2 Pages
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers
Description kHz RANGE CRYSTAL UNIT SMD

MC-306 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC-306 Datasheet PDF - List of Unclassifed Manufacturers

No de pièce MC-306
Télécharger  MC-306 Click to download

Taille du fichier   261.08 Kbytes
Page   2 Pages
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers
Description kHz RANGE CRYSTAL UNIT SMD

MC-306 Fiches technique (HTML) - List of Unclassifed Manufacturers

MC-306 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC-306 Datasheet HTML 2Page - List of Unclassifed Manufacturers

MC-306 Détails du produit

[EPSON TOYOCOM]

kHz RANGE CRYSTAL UNIT SMD

• Frequency range : 32.768 kHz (20 kHz to 165 kHz)
• Thickness : 2.54 mm Max.(MC-306) 3.60 mm Max.(MC-405 / 406)
• Overtone order : Fundamental /Overtone (307.2 kHz)
• Applications : Clock and Microcomputer




Numéro de pièce similaire - MC-306

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MC-306 ETC-MC-306 Datasheet
28Kb / 1P
   SMALL SMD LOW / MEDIUM-FREQUENCY CRYSTAL UNIT
MC-306 ETC2-MC-306 Datasheet
173Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306 Datasheet
354Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
MC-306 EPSONTOYOCOM-MC-306 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson Company
MC-306 EPSON-MC-306 Datasheet
365Kb / 2P
   kHz RANGE CRYSTAL UNIT
More results


Description similaire - MC-306

FabricantNo de pièceFiches techniqueDescription
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
logo
List of Unclassifed Man...
MC-306 ETC2-MC-306 Datasheet
173Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306 Datasheet
354Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
List of Unclassifed Man...
Q13MC1462000412 ETC2-Q13MC1462000412 Datasheet
133Kb / 3P
   kHz Range Crystal unit
logo
Epson Company
FC-135R EPSON-FC-135R Datasheet
467Kb / 2P
   kHz RANGE CRYSTAL UNIT
FC1610AN EPSON-FC1610AN Datasheet
333Kb / 2P
   kHz RANGE CRYSTAL UNIT
MC-306 EPSON-MC-306 Datasheet
365Kb / 2P
   kHz RANGE CRYSTAL UNIT
logo
List of Unclassifed Man...
Q13MC1462000612 ETC2-Q13MC1462000612 Datasheet
133Kb / 3P
   kHz Range Crystal unit
logo
Epson Company
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-13E EPSONTOYOCOM-FC-13E Datasheet
447Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com