Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RFG45N06 Fiches technique (PDF) - Fairchild Semiconductor

RFG45N06 Datasheet PDF - Fairchild Semiconductor
No de pièce RFG45N06
Télécharger  RFG45N06 Télécharger

Taille du fichier   82.12 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs

RFG45N06 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
RFG45N06 Datasheet PDF - Fairchild Semiconductor

No de pièce RFG45N06
Télécharger  RFG45N06 Click to download

Taille du fichier   82.12 Kbytes
Page   6 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs

RFG45N06 Fiches technique (HTML) - Fairchild Semiconductor

RFG45N06 Datasheet HTML 1Page - Fairchild Semiconductor RFG45N06 Datasheet HTML 2Page - Fairchild Semiconductor RFG45N06 Datasheet HTML 3Page - Fairchild Semiconductor RFG45N06 Datasheet HTML 4Page - Fairchild Semiconductor RFG45N06 Datasheet HTML 5Page - Fairchild Semiconductor RFG45N06 Datasheet HTML 6Page - Fairchild Semiconductor

RFG45N06 Détails du produit

These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 45A, 60V
• rDS(ON) = 0.028Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Numéro de pièce similaire - RFG45N06

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
RFG45N06 INTERSIL-RFG45N06 Datasheet
73Kb / 8P
   45A, 60V, 0.028 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG45N06 FAIRCHILD-RFG45N06 Datasheet
381Kb / 8P
   45A, 60V, 0.028 Ohm, N-Channel Power
RFG45N06 FAIRCHILD-RFG45N06_02 Datasheet
381Kb / 8P
   45A, 60V, 0.028 Ohm, N-Channel Power
More results


Description similaire - RFG45N06

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RFG70N06 FAIRCHILD-RFG70N06 Datasheet
90Kb / 6P
   70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
logo
Harris Corporation
RFD3055 HARRIS-RFD3055 Datasheet
118Kb / 8P
   12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
   30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXTP450P2 IXYS-IXTP450P2 Datasheet
144Kb / 5P
   Polar2TM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXTH110N25T IXYS-IXTH110N25T Datasheet
210Kb / 5P
   TrenchTM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
logo
Fairchild Semiconductor
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
   70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
   TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA10P50P IXYS-IXTA10P50P Datasheet
185Kb / 6P
   PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
   TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com