Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCA8A04-H Fiches technique (PDF) - Toshiba Semiconductor

TPCA8A04-H Datasheet PDF - Toshiba Semiconductor
No de pièce TPCA8A04-H
Télécharger  TPCA8A04-H Télécharger

Taille du fichier   201.16 Kbytes
Page   8 Pages
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode

TPCA8A04-H Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TPCA8A04-H Datasheet PDF - Toshiba Semiconductor

No de pièce TPCA8A04-H
Télécharger  TPCA8A04-H Click to download

Taille du fichier   201.16 Kbytes
Page   8 Pages
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode

TPCA8A04-H Fiches technique (HTML) - Toshiba Semiconductor

TPCA8A04-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 7Page - Toshiba Semiconductor TPCA8A04-H Datasheet HTML 8Page - Toshiba Semiconductor

TPCA8A04-H Détails du produit

High Efficiency DC-DC Converter Applications
Notebook PC Applications
Portable Equipment Applications

• Built-in a schottky barrier diode
   Low forward voltage: VDSF = −0.6 V (max)
• High-speed switching
• Small gate charge: QSW = 13.4 nC (typ.)
• Low drain-source ON-resistance: RDS (ON) = 2.3 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 127 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.3 to 2.3 V (VDS = 10 V, ID = 1 mA)




Numéro de pièce similaire - TPCA8A04-H

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8A04-H TOSHIBA-TPCA8A04-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8A04-H VBSEMI-TPCA8A04-H Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results


Description similaire - TPCA8A04-H

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC8A03-H TOSHIBA-TPC8A03-H Datasheet
217Kb / 8P
   TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
TPC8A02-H TOSHIBA-TPC8A02-H Datasheet
484Kb / 8P
   竊큀SHIBA Field Effect Transistor with Built-in Schottky Barrier Diode High-Efficiency DC/DC Converter Applications
2SK3466 TOSHIBA-2SK3466 Datasheet
215Kb / 6P
   TOSHIBA Field Effect Transistor
CMS17 TOSHIBA-CMS17_13 Datasheet
178Kb / 5P
   TOSHIBA Schottky Barrier Diode
CMS15 TOSHIBA-CMS15_13 Datasheet
179Kb / 5P
   TOSHIBA Schottky Barrier Diode
CRS12 TOSHIBA-CRS12_13 Datasheet
152Kb / 5P
   TOSHIBA Schottky Barrier Diode
CMS14 TOSHIBA-CMS14_13 Datasheet
152Kb / 5P
   TOSHIBA Schottky Barrier Diode
logo
Alpha & Omega Semicondu...
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4704 AOSMD-AO4704 Datasheet
160Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
List of Unclassifed Man...
AO8701 ETC-AO8701 Datasheet
125Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com