Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FX18-60P-0.8SV Fiches technique (PDF) - Hirose Electric

FX18-60P-0.8SV Datasheet PDF - Hirose Electric
No de pièce FX18-60P-0.8SV
Télécharger  FX18-60P-0.8SV Télécharger

Taille du fichier   2147.91 Kbytes
Page   12 Pages
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 10Gbps 0.8mm pitch Board to Board Connectors

FX18-60P-0.8SV Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FX18-60P-0.8SV Datasheet PDF - Hirose Electric

No de pièce FX18-60P-0.8SV
Télécharger  FX18-60P-0.8SV Click to download

Taille du fichier   2147.91 Kbytes
Page   12 Pages
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 10Gbps 0.8mm pitch Board to Board Connectors

FX18-60P-0.8SV Fiches technique (HTML) - Hirose Electric

Back Button FX18-60P-0.8SV Datasheet HTML 1Page - Hirose Electric FX18-60P-0.8SV Datasheet HTML 2Page - Hirose Electric FX18-60P-0.8SV Datasheet HTML 3Page - Hirose Electric FX18-60P-0.8SV Datasheet HTML 4Page - Hirose Electric FX18-60P-0.8SV Datasheet HTML 5Page - Hirose Electric FX18-60P-0.8SV Datasheet HTML 6Page - Hirose Electric FX18-60P-0.8SV Datasheet HTML 7Page - Hirose Electric FX18-60P-0.8SV Datasheet HTML 8Page - Hirose Electric FX18-60P-0.8SV Datasheet HTML 9Page - Hirose Electric FX18-60P-0.8SV Datasheet HTML 10Page - Hirose Electric Next Button 



Numéro de pièce similaire - FX18-60P-0.8SV

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
FX1-144P-1.27DS HIROSE-FX1-144P-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSA HIROSE-FX1-144P-1.27DSA Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSAL HIROSE-FX1-144P-1.27DSAL Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144P-1.27DSL HIROSE-FX1-144P-1.27DSL Datasheet
336Kb / 8P
   1.27mm Pitch Connector
FX1-144S-1.27DS HIROSE-FX1-144S-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
More results


Description similaire - FX18-60P-0.8SV

FabricantNo de pièceFiches techniqueDescription
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
EXCEL CELL ELECTRONIC C...
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
   0.8mm Contact Spacing, Board To Wire Connectors
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
   FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
Hirose Electric
DF52 HIROSE-DF52 Datasheet
271Kb / 6P
   0.8mm Pitch, Compact and Robust Wire-to-Board Connectors
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com