Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4013BC Fiches technique (PDF) - Fairchild Semiconductor

CD4013BC Datasheet PDF - Fairchild Semiconductor
No de pièce CD4013BC
Télécharger  CD4013BC Télécharger

Taille du fichier   90.43 Kbytes
Page   7 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual D-Type Flip-Flop

CD4013BC Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CD4013BC Datasheet PDF - Fairchild Semiconductor

No de pièce CD4013BC
Télécharger  CD4013BC Click to download

Taille du fichier   90.43 Kbytes
Page   7 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual D-Type Flip-Flop

CD4013BC Fiches technique (HTML) - Fairchild Semiconductor

CD4013BC Datasheet HTML 1Page - Fairchild Semiconductor CD4013BC Datasheet HTML 2Page - Fairchild Semiconductor CD4013BC Datasheet HTML 3Page - Fairchild Semiconductor CD4013BC Datasheet HTML 4Page - Fairchild Semiconductor CD4013BC Datasheet HTML 5Page - Fairchild Semiconductor CD4013BC Datasheet HTML 6Page - Fairchild Semiconductor CD4013BC Datasheet HTML 7Page - Fairchild Semiconductor

CD4013BC Détails du produit

General Description
The CD4013B dual D-type flip-flop is a monolithic complementary MOS (CMOS) integrated circuit constructed with N- and P-channel enhancement mode transistors. Each flip-flop has independent data, set, reset, and clock inputs and “Q” and “Q” outputs. These devices can be used for shift register applications, and by connecting “Q” output to the data input, for counter and toggle applications. The logic level present at the “D” input is transferred to the Q output during the positive-going transition of the clock pulse. Setting or resetting is independent of the clock and is accomplished by a high level on the set or reset line respectively.

Features
■ Wide supply voltage range: 3.0V to 15V
■ High noise immunity: 0.45 VDD (typ.)
■ Low power TTL: fan out of 2 driving 74L
   compatibility: or 1 driving 74LS
  
Applications
• Automotive
• Data terminals
• Instrumentation
• Medical electronics
• Alarm system
• Industrial electronics
• Remote metering
• Computers




Numéro de pièce similaire - CD4013BC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC Datasheet
74Kb / 6P
   Dual D-Type Flip-Flop
CD4013BC FAIRCHILD-CD4013BC Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
National Semiconductor ...
CD4013BCJ NSC-CD4013BCJ Datasheet
141Kb / 6P
   Dual D Flip-Flop
logo
Fairchild Semiconductor
CD4013BCM FAIRCHILD-CD4013BCM Datasheet
74Kb / 6P
   Dual D-Type Flip-Flop
CD4013BCM FAIRCHILD-CD4013BCM Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
More results


Description similaire - CD4013BC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com