Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL62882CHRTZ Fiches technique (PDF) - Intersil Corporation

ISL62882CHRTZ Datasheet PDF - Intersil Corporation
No de pièce ISL62882CHRTZ
Télécharger  ISL62882CHRTZ Télécharger

Taille du fichier   96.23 Kbytes
Page   3 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs

ISL62882CHRTZ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ISL62882CHRTZ Datasheet PDF - Intersil Corporation

No de pièce ISL62882CHRTZ
Télécharger  ISL62882CHRTZ Click to download

Taille du fichier   96.23 Kbytes
Page   3 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs

ISL62882CHRTZ Fiches technique (HTML) - Intersil Corporation

ISL62882CHRTZ Datasheet HTML 1Page - Intersil Corporation ISL62882CHRTZ Datasheet HTML 2Page - Intersil Corporation ISL62882CHRTZ Datasheet HTML 3Page - Intersil Corporation

ISL62882CHRTZ Détails du produit

Description
The ISL62882C is a multiphase PWM buck regulator for miroprocessor or graphics processor core power supply. The multiphase buck converter uses interleaved phases to reduce the total output voltage ripple with each phase carrying a portion of the total load current, providing better system performance, superior thermal management, lower component cost, reduced power dissipation, and smaller implementation area. The ISL62882C uses two integrated gate drivers to provide a complete solution. The PWM modulator is based on Intersils Robust Ripple Regulator (R3) technology™. Compared with traditional modulators, the R3™ modulator commands variable switching frequency during load transients, achieving faster transient response. With the same modulator, the switching frequency is reduced at light load, increasing the regulator efficiency.

Key Features
    Programmable 1- or 2-Phase CPU or GPU Mode Operation
    Precision Multiphase Core Voltage Regulation
        0.5% System Accuracy Over-Temperature
        Enhanced Load Line Accuracy
    Microprocessor Voltage Identification Input
        7-Bit VID Input, 0V to 1.500V in 12.5mV Steps
        Supports VID Changes On-The-Fly
    Supports Multiple Current Sensing Methods
        Lossless Inductor DCR Current Sensing
        Precision Resistor Current Sensing
    Supports PSI# and DPRSLPVR modes
    Superior Noise Immunity and Transient Response
    Current Monitor and Thermal Monitor
    Differential Remote Voltage Sensing
    High Efficiency Across Entire Load Range
    Two Integrated Gate Drivers
    Excellent Dynamic Current Balance Between Phases
    Split LGATE1 Drivers Increases Light Load Efficiency
    FB2 Function Optimizes 1-Phase Mode Performance
    Adaptive Body Diode Conduction Time Reduction
    User-selectable Overshoot Reduction Function
    Small Footprint 40 Ld 5x5 TQFN Packages
    Pb-Free (RoHS Compliant)

Applications
    Notebook Core Voltage Regulator
    Notebook GPU Voltage Regulator




Numéro de pièce similaire - ISL62882CHRTZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
ISL62882B INTERSIL-ISL62882B Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62882B INTERSIL-ISL62882B Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
More results


Description similaire - ISL62882CHRTZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62883C INTERSIL-ISL62883C Datasheet
1Mb / 43P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882IRTZ INTERSIL-ISL62882IRTZ Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com