Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5204BRU50 Fiches technique (PDF) - Analog Devices

AD5204BRU50 Datasheet PDF - Analog Devices
No de pièce AD5204BRU50
Télécharger  AD5204BRU50 Télécharger

Taille du fichier   371.45 Kbytes
Page   20 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description 4-/6-Channel Digital Potentiometers

AD5204BRU50 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AD5204BRU50 Datasheet PDF - Analog Devices

No de pièce AD5204BRU50
Télécharger  AD5204BRU50 Click to download

Taille du fichier   371.45 Kbytes
Page   20 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description 4-/6-Channel Digital Potentiometers

AD5204BRU50 Fiches technique (HTML) - Analog Devices

Back Button AD5204BRU50 Datasheet HTML 1Page - Analog Devices AD5204BRU50 Datasheet HTML 2Page - Analog Devices AD5204BRU50 Datasheet HTML 3Page - Analog Devices AD5204BRU50 Datasheet HTML 4Page - Analog Devices AD5204BRU50 Datasheet HTML 5Page - Analog Devices AD5204BRU50 Datasheet HTML 6Page - Analog Devices AD5204BRU50 Datasheet HTML 7Page - Analog Devices AD5204BRU50 Datasheet HTML 8Page - Analog Devices AD5204BRU50 Datasheet HTML 9Page - Analog Devices AD5204BRU50 Datasheet HTML 10Page - Analog Devices Next Button 

AD5204BRU50 Détails du produit

GENERAL DESCRIPTION

The AD5204/AD5206 provide 4-/6-channel, 256-position digitally controlled variable resistor (VR) devices. These devices perform the same electronic adjustment function as a potentiometer or variable resistor. Each channel of the AD5204/AD5206 contains a fixed resistor with a wiper contact that taps the fixed resistor value at a point determined by a digital code loaded into the SPI-compatible serial-input register. The resistance between the wiper and either endpoint of the fixed resistor varies linearly with respect to the digital code transferred into the VR latch. The variable resistor offers a completely programmable value of resistance between the A terminal and the wiper or the B terminal and the wiper. The fixed A-to-B terminal resistance of 10 kΩ, 50 kΩ, or 100 kΩ has a nominal temperature coefficient of 700 ppm/°C.



FEATURES

256 positions

Multiple independently programmable channels

  AD5204—4-channel

  AD5206—6-channel

Potentiometer replacement

Terminal resistance of 10 kΩ, 50 kΩ, 100 kΩ

3-wire SPI-compatible serial data input

+2.7 V to +5.5 V single-supply operation; ±2.7 V dual-supply operation

Power-on midscale preset



APPLICATIONS

Mechanical potentiometer replacement

Instrumentation: gain, offset adjustment

Programmable voltage-to-current conversion

Programmable filters, delays, time constants

Line impedance matching




Numéro de pièce similaire - AD5204BRU50

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5204BRU50 AD-AD5204BRU50 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Description similaire - AD5204BRU50

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results




À propos de Analog Devices


Analog Devices, Inc. (ADI) est une entreprise cotée en bourse qui conçoit, développe et fabrique des circuits intégrés analogiques, de signal mixte et de signal numérique (DSP) (ICS).
L'entreprise a été fondée en 1965 et a son siège à Norwood, Massachusetts.
L'ADI dessert un large éventail d'industries, notamment l'aérospatiale et la défense, l'automobile, les communications, les consommateurs, l'industrie, le médical et le test et la mesure.
Le portefeuille de produits de l'entreprise comprend des convertisseurs de données, des amplificateurs et des comparateurs, des circuits intégrés de gestion de l'alimentation, des microcontrôleurs, des capteurs et des composants radiofréquences (RF) et des micro-ondes, entre autres.
ADI se consacre à l'innovation et à la satisfaction des clients et s'engage à fournir à ses clients des solutions fiables de haute qualité pour répondre à leurs besoins.
En mettant l'accent sur l'efficacité énergétique et la durabilité, ADI est un leader de l'industrie des circuits intégrés analogiques et mixtes, stimulant les progrès technologiques et fournissant des solutions innovantes aux problèmes les plus difficiles du monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com