Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HFBR-1531ETZ Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

HFBR-1531ETZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce HFBR-1531ETZ
Télécharger  HFBR-1531ETZ Télécharger

Taille du fichier   249.01 Kbytes
Page   16 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Versatile Link The Versatile Fiber Optic Connection

HFBR-1531ETZ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HFBR-1531ETZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce HFBR-1531ETZ
Télécharger  HFBR-1531ETZ Click to download

Taille du fichier   249.01 Kbytes
Page   16 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Versatile Link The Versatile Fiber Optic Connection

HFBR-1531ETZ Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-1531ETZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-1531ETZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HFBR-1531ETZ Détails du produit

Description
The Versatile Link series is a complete family of fber optic link components for applications requiring a low cost solution. The HFBR-0500ETZ series includes transmitters, receivers, connec tors and cable specifed for easy design. This series of compo nents is ideal for solving problems with voltage isolation/insula tion, EMI/RFI immunity or data security. The optical link design is simpli fed by the logic compat ible receivers and complete specif-cations for each component. The key optical and electrical parameters of links confgured with the HFBR-0500ETZ family are fully guaranteed from -40° to 85° C.

Features
• Extended temperature range -40 to +85° C
• RoHS-compliant
• Low cost fber optic components
• Enhanced digital links: dc-5 MBd
• Link distance up to 43m at 1MBd and 20m at 5MBd
• Low current link: 6 mA peak supply current
• Horizontal and vertical mounting
• Interlocking feature
• High noise immunity
• Easy connectoring: simplex, duplex, and latching connectors
• Flame retardant
• Transmitters incorporate a 660 nm red LED for easy visibility
• Compatible with standard TTL circuitry

Applications
• Industrial Drives/Frequency Inverters
• Renewable Energies (Wind Turbines, Solar PV farms) Power electronics
• Reduction of lightning/volt age transient susceptibility
• Motor controller triggering
• Data communications and local area networks
• Electromagnetic Compatibility (EMC) for regulated systems: FCC, VDE, CSA, etc.
• Tempest-secure data processing equipment
• Isolation in test and measurement instruments
• Error free signalling for industrial and manufactur ing equipment
• Automotive communica tions and control networks
• Noise immune communica tion in audio and video equipment




Numéro de pièce similaire - HFBR-1531ETZ

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ET AVAGO-HFBR-1531ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results


Description similaire - HFBR-1531ETZ

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com