Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT91SAM7S128C-AU Fiches technique (PDF) - ATMEL Corporation

AT91SAM7S128C-AU Datasheet PDF - ATMEL Corporation
No de pièce AT91SAM7S128C-AU
Télécharger  AT91SAM7S128C-AU Télécharger
Taille du fichier   53.69 Kbytes
Page   2 Pages
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91SAM7S256 and AT91SAMS128 Errata Update

AT91SAM7S128C-AU Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AT91SAM7S128C-AU Datasheet PDF - ATMEL Corporation

No de pièce AT91SAM7S128C-AU
Télécharger  AT91SAM7S128C-AU Click to download

Taille du fichier   53.69 Kbytes
Page   2 Pages
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91SAM7S256 and AT91SAMS128 Errata Update

AT91SAM7S128C-AU Fiches technique (HTML) - ATMEL Corporation


AT91SAM7S128C-AU Détails du produit

Description
Atmel’s SAM7S is a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. It features a high-speed Flash and an SRAM, a large set of peripherals, including a USB 2.0 device (except for the SAM7S32 and SAM7S16), and a complete set of system functions minimizing the number of external components. The device is an ideal migration path for 8-bit microcontroller users looking for additional performance and extended memory.

Features
• Incorporates the ARM7TDMI® ARM® Thumb® Processor
   – High-performance 32-bit RISC Architecture
   – High-density 16-bit Instruction Set
   – Leader in MIPS/Watt
   – EmbeddedICE™ In-circuit Emulation, Debug Communication Channel Support
• Internal High-speed Flash
   – 512 Kbytes (SAM7S512) Organized in Two Contiguous Banks of 1024 Pages of 256 Bytes (Dual Plane)
   – 256 Kbytes (SAM7S256) Organized in 1024 Pages of 256 Bytes (Single Plane)
   – 128 Kbytes (SAM7S128) Organized in 512 Pages of 256 Bytes (Single Plane)
   – 64 Kbytes (SAM7S64) Organized in 512 Pages of 128 Bytes (Single Plane)
   – 32 Kbytes (SAM7S321/32) Organized in 256 Pages of 128 Bytes (Single Plane)
   – 16 Kbytes (SAM7S161/16) Organized in 256 Pages of 64 Bytes (Single Plane)
   – Single Cycle Access at Up to 30 MHz in Worst Case Conditions
   – Prefetch Buffer Optimizing Thumb Instruction Execution at Maximum Speed
   – Page Programming Time: 6 ms, Including Page Auto-erase, Full Erase Time: 15 ms
   – 10,000 Write Cycles, 10-year Data Retention Capability, Sector Lock Capabilities, Flash Security Bit
   – Fast Flash Programming Interface for High Volume Production
• Internal High-speed SRAM, Single-cycle Access at Maximum Speed
   – 64 Kbytes (SAM7S512/256)
   – 32 Kbytes (SAM7S128)
   – 16 Kbytes (SAM7S64)
   – 8 Kbytes (SAM7S321/32)
   – 4 Kbytes (SAM7S161/16)
• Memory Controller (MC)
   – Embedded Flash Controller, Abort Status and Misalignment Detection
• Reset Controller (RSTC)
   – Based on Power-on Reset and Low-power Factory-calibrated Brown-out Detector
   – Provides External Reset Signal Shaping and Reset Source Status
• Clock Generator (CKGR)
   – Low-power RC Oscillator, 3 to 20 MHz On-chip Oscillator and one PLL
• Power Management Controller (PMC)
   – Software Power Optimization Capabilities, Including Slow Clock Mode (Down to 500 Hz) and Idle Mode
   – Three Programmable External Clock Signals
• Advanced Interrupt Controller (AIC)
   – Individually Maskable, Eight-level Priority, Vectored Interrupt Sources
   – Two (SAM7S512/256/128/64/321/161) or One (SAM7S32/16) External Interrupt Source(s) and One Fast Interrupt Source, Spurious Interrupt Protected
(Continue ...)




Numéro de pièce similaire - AT91SAM7S128C-AU

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT91SAM7S128C-AU ATMEL-AT91SAM7S128C-AU Datasheet
4Mb / 775P
ARM-based Flash MCU
AT91SAM7S128C-AU-999 ATMEL-AT91SAM7S128C-AU-999 Datasheet
4Mb / 775P
ARM-based Flash MCU
More results


Description similaire - AT91SAM7S128C-AU

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MSP53C391 TI-MSP53C391 Datasheet
24Kb / 2P
ERRATA
logo
Microchip Technology
DSPIC33FJXXXGPXXX MICROCHIP-DSPIC33FJXXXGPXXX Datasheet
164Kb / 6P
Silicon Errata
2006
DSPIC33FJ12GP201 MICROCHIP-DSPIC33FJ12GP201 Datasheet
269Kb / 6P
Silicon Errata
2007
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
Silicon Errata and Data Sheet Clarification
2011
logo
Texas Instruments
TMS320F28335_1104 TI-TMS320F28335_1104 Datasheet
188Kb / 18P
Silicon Errata
logo
Intel Corporation
N82802AB8 INTEL-N82802AB8 Datasheet
70Kb / 12P
Specification Update
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A_15 Datasheet
29Kb / 1P
Errata
500102D MA-COM-500102D_15 Datasheet
22Kb / 2P
Errata
logo
Xilinx, Inc
DS026-E01 XILINX-DS026-E01 Datasheet
363Kb / 9P
PROM Errata and Deviations
logo
Tyco Electronics
C-1513168 MACOM-C-1513168 Datasheet
86Kb / 1P
update pn identification
More results




À propos de ATMEL Corporation


Atmel Corporation était une société américaine de semi-conducteurs fondée en 1984.
La société était l'un des principaux fournisseurs de microcontrôleurs, de solutions tactiles et d'autres produits semi-conducteurs pour diverses applications sur les marchés des consommateurs, industriels et automobiles.
Les produits d'Atmel étaient connus pour leur petit facteur de forme, leur faible consommation d'énergie et leurs performances élevées.
En 2016, ATMEL a été acquis par Microchip Technology Inc., l'un des principaux fournisseurs de microcontrôleurs et de semi-conducteurs analogiques.
La marque ATMEL et la technologie continuent d'être développées et vendues dans le cadre du portefeuille de produits de Microchip.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com