Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K4S561632D-TC75000 Fiches technique (PDF) - Samsung semiconductor

K4S561632D-TC75000 Datasheet PDF - Samsung semiconductor
No de pièce K4S561632D-TC75000
Télécharger  K4S561632D-TC75000 Télécharger

Taille du fichier   64.47 Kbytes
Page   11 Pages
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL

K4S561632D-TC75000 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
K4S561632D-TC75000 Datasheet PDF - Samsung semiconductor

No de pièce K4S561632D-TC75000
Télécharger  K4S561632D-TC75000 Click to download

Taille du fichier   64.47 Kbytes
Page   11 Pages
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL

K4S561632D-TC75000 Fiches technique (HTML) - Samsung semiconductor

Back Button K4S561632D-TC75000 Datasheet HTML 1Page - Samsung semiconductor K4S561632D-TC75000 Datasheet HTML 2Page - Samsung semiconductor K4S561632D-TC75000 Datasheet HTML 3Page - Samsung semiconductor K4S561632D-TC75000 Datasheet HTML 4Page - Samsung semiconductor K4S561632D-TC75000 Datasheet HTML 5Page - Samsung semiconductor K4S561632D-TC75000 Datasheet HTML 6Page - Samsung semiconductor K4S561632D-TC75000 Datasheet HTML 7Page - Samsung semiconductor K4S561632D-TC75000 Datasheet HTML 8Page - Samsung semiconductor K4S561632D-TC75000 Datasheet HTML 9Page - Samsung semiconductor K4S561632D-TC75000 Datasheet HTML 10Page - Samsung semiconductor Next Button 

K4S561632D-TC75000 Détails du produit

GENERAL DESCRIPTION
The K4S561632D is 268,435,456 bits synchronous high data rate Dynamic RAM organized as 4 x 4,196,304 words by 16 bits, fabricated with SAMSUNGs high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth, high performance memory system applications.

FEATURES
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
   -. CAS latency (2 & 3)
   -. Burst length (1, 2, 4, 8 & Full page)
   -. Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system
   clock.
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 64ms refresh period (8K Cycle)




Numéro de pièce similaire - K4S561632D-TC75000

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
K4S561632D-TC/L1H SAMSUNG-K4S561632D-TC/L1H Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC/L1L SAMSUNG-K4S561632D-TC/L1L Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC/L60 SAMSUNG-K4S561632D-TC/L60 Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC/L75 SAMSUNG-K4S561632D-TC/L75 Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC/L7C SAMSUNG-K4S561632D-TC/L7C Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results


Description similaire - K4S561632D-TC75000

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D SAMSUNG-K4S561632D Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
K4S560432B SAMSUNG-K4S560432B Datasheet
130Kb / 11P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560832A SAMSUNG-K4S560832A Datasheet
126Kb / 10P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832C SAMSUNG-K4S560832C Datasheet
113Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560832B SAMSUNG-K4S560832B Datasheet
131Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832D SAMSUNG-K4S560832D Datasheet
118Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com